Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 74 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 74 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 70Page - Microchip Technology UPD360 Datasheet HTML 71Page - Microchip Technology UPD360 Datasheet HTML 72Page - Microchip Technology UPD360 Datasheet HTML 73Page - Microchip Technology UPD360 Datasheet HTML 74Page - Microchip Technology UPD360 Datasheet HTML 75Page - Microchip Technology UPD360 Datasheet HTML 76Page - Microchip Technology UPD360 Datasheet HTML 77Page - Microchip Technology UPD360 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 221 page
background image
UPD360
DS00002084C-page 74
 2016-2017 Microchip Technology Inc.
9.3
UFP Operation
When operating as a UFP, the device applies an Rd pull-down on both CC lines and waits for a DFP connection from
the assertion of VBUS. The CC comparator is used to determine the advertised current charger capabilities supported
by the DFP.
9.3.1
SINK ATTACH DETECTION
The following steps illustrate how the device may be programmed to detect an attachment when operating as a Sink.
The following discussion does not cover dead-battery cases, which are described in Section 9.6, "Dead Battery".
1.
Software accesses the device via I2C/SPI which wakes the device up and enables the 48 MHz oscillator.
2.
Software programs the CC Comparator Control to 00b and disables the CC debouncer.
3.
Software programs the VBUS Comparator Control to 00b and disables the VBUS debouncer.
4.
Software polls CC_DB_ACTIVE and VBUS_DB_ACTIVE until they read back 0b to indicate that the CC
debouncer and VBUS debouncer are inactive. Software programs the Match Debounce Register (MATCH_DEB)
as required for the tPDDebounce interval.
5.
Software programs the CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) as required to match the
thresholds of interest.
6.
Software programs the CC1 Pull-Down Value and CC2 Pull-Down Value in the CC Control Register (CC_CTL)
to advertise trimmed Rd.
7.
Software enables CC_MATCH_VLD, CC1_MATCH_CHG or CC2_MATCH_CHG interrupt via the CC Interrupt
Enable Register (CC_INT_EN).
8.
Assertion of CC_MATCH_VLD indicates that the initial CC debounce of both CC pins has completed and a valid
value is available in the CCx Match Registers (CCx_MATCH).
9.
Software programs the CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) as required to enable the
respective threshold(s) debouncing.
10. Software enables VBUS_INT to detect VBUS by configuring the VBUS Match Register (VBUS_MATCH).
11. Software enables VBUS_MATCH_VLD by configuring the Power Interrupt Enable Register (PWR_INT_EN).
12. Software enables IRQ_N via configured respective bits, for CC_INT, PWR_INT and VBUS_INT, in the Interrupt
Enable Register (INT_EN).
13. Software programs the CC Comparator Control to sample both CC pins.
14. Software programs VBUS Comparator/DAC to detect vSafe5V via the VBUS Comparator Control in the VBUS
Control Register (VBUS_CTL) and setting VBUS_THR0 and VBUS_THR1 via the VBUS Threshold x Registers
(VBUS_THRx).
15. Software turns off all clock sources with the exception of 20 KHz keep-alive clock via Clock Control Register
(CLK_CTL) to save power.
16. Upon connection to a partner DFP VBUS is powered to 5V.
17. After the programmed debounce interval, the respective CCx Change Status Registers (CCx_CHG_STS) is
updated and the respective CC1_MATCH_CHG or CC2_MATCH_CHG interrupt asserts which in turn asserts
CC_INT which in turn asserts IRQ_N.
18. VBUS is detected by the VBUS_DET comparator and debounced for the period defined by the VBUS Debounce
Register (VBUS_DEB). The VBUS_INT interrupt asserts which in turn asserts IRQ_N.
19. Software must debounce the CC match for tCCDebounce and VBUS for the PD Debounce Register (PD_DEB)
in order to detect the attach condition.
20. After attachment, software configures CC Communication Select in the CC Control Register (CC_CTL) to appro-
priately connect the baseband interface to the CC with the Rp pull-up if PD communication is desired.
21. DFP may communicate with the device.
Note:
Assertion of CC_MATCH_VLD indicates that the initial CC debounce of both CC pins has completed and
a valid value is available in the CCx Match Registers (CCx_MATCH).
Note:
Assertion of VBUS_MATCH_VLD indicates that the initial CC debounce of both CC pins has completed
and a valid value is available in the VBUS Match Register (VBUS_MATCH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com