Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 28 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 24Page - Microchip Technology UPD360 Datasheet HTML 25Page - Microchip Technology UPD360 Datasheet HTML 26Page - Microchip Technology UPD360 Datasheet HTML 27Page - Microchip Technology UPD360 Datasheet HTML 28Page - Microchip Technology UPD360 Datasheet HTML 29Page - Microchip Technology UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 221 page
background image
UPD360
DS00002084C-page 28
 2016-2017 Microchip Technology Inc.
Figure 6-1 illustrates the sequence of waking from SPI traffic.
6.2.3
SPI READ COMMAND (FAST READ)
The Fast Read command is supported by the SPI slave. A single byte, or multiple bytes, may be read in a single frame
(SPI_CS low).
Fast Read is the only form of Read access supported by the device. The instruction inputs the instruction code, the
address and a dummy byte on SPI_DI, and outputs the data one bit per clock on SPI_DO.
The SPI slave interface is selected by first bringing SPI_CS active. The 8-bit FASTREAD instruction, 0Bh, is input into
the SPI_DI pin, followed by the two address bytes and 1 dummy byte. The address bytes specify a Byte register address
within the device, and also specify how addresses are sequenced for successive bytes in a Multiple Byte Read (below).
The contents of the dummy byte are don’t-care.
On the falling clock edge following the rising edge of the last dummy bit, the SPI_DO pin is driven starting with the most
significant bit of the selected register byte. The remaining register bits are shifted out on subsequent falling clock edges.
The SPI_CS input is brought inactive to conclude the cycle. The SPI_DO pin is floated by the device in response.
6.2.3.1
Multiple Byte Reads
Additional byte reads beyond the first are performed by the Master by continuing the clock pulses while SPI_CS is active.
The upper two bits [15:14] (DIR subfield) of the address specify Auto-Incrementing (DIR=00b) or Auto-Decrementing
(DIR=10b) or Static (fixed) (DIR=11b) for successive bytes read. Maintaining a Static internal address is provided for
FIFO Read/Write or low-level register polling within a single frame, if the Master supports it.
Towards the end of the current one-byte output shift the address is incremented or decremented, if appropriate, and
another synchronized capture sequence is done.
FIGURE 6-1:
POWER MANAGEMENT WAKE ON SPI TRAFFIC
SPI_CLK
SPI_DI
X
SPI_DO
...
Z
X
SPI_CS
X
(Ignored by Device)
X
...
...
Osc. Lock
(Internal)
Z
Z
...
Z
00
Z
Z
X
(Ignored by Device)
X
asleep
awake
Wake
Trigger
Master sees Read data as all ‘0’ bits.
Instruction / Address
Read
Data
X
Recognized by Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com