Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 14 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 10Page - Microchip Technology UPD360 Datasheet HTML 11Page - Microchip Technology UPD360 Datasheet HTML 12Page - Microchip Technology UPD360 Datasheet HTML 13Page - Microchip Technology UPD360 Datasheet HTML 14Page - Microchip Technology UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 221 page
background image
UPD360
DS00002084C-page 14
 2016-2017 Microchip Technology Inc.
3.2
Ball Descriptions
This sections details the functions of the various device signals.
TABLE 3-4:
BALL DESCRIPTIONS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
USB Type-C™
Configuration
Channel 1
CC1
AIO
Configuration Channel (CC) used in the discovery, configu-
ration and management of connections across a USB
Type-C cable. Refer to Section 9.1, "CC Comparator," on
page 68 for additional information.
Configuration
Channel 2
CC2
AIO
Configuration Channel (CC) used in the discovery, configu-
ration and management of connections across a USB
Type-C cable. Refer to Section 9.1, "CC Comparator," on
page 68 for additional information.
CC1
Dead Battery
Enable
CC1_DB_EN
AIO
Determines whether CC1 broadcasts Rd pull-down
or Hi-Z. Refer to Section 9.6, "Dead Battery," on page 77 for
additional information.
Note:
Tie to CC1 if dead battery is supported. Other-
wise, tie to ground.
CC2
Dead Battery
Enable
CC2_DB_EN
AIO
Determines whether CC2 broadcasts Rd pull-down
or Hi-Z. Refer to Section 9.6, "Dead Battery," on page 77 for
additional information.
Note:
Tie to CC2 if dead battery is supported. Other-
wise, tie to ground.
I2C Interface (UPD360-A/UPD360-B Only)
I2C Clock
I2C_CLK
I2C
I2C clock signal
(+1.8V for UPD360-A, +3.3V for UPD360-B)
I2C Data
I2C_DAT
I2C
I2C data signal
(+1.8V for UPD360-A, +3.3V for UPD360-B)
SPI Interface Pins (UPD360-C Only)
SPI Clock
SPI_CLK
IS
SPI clock.
The maximum supported SPI clock frequency is 25 MHz.
SPI Data Out
SPI_DO
O8
SPI output data.
SPI Data In
SPI_DI
IS
SPI input data.
SPI Chip
Enable
SPI_CS
IS
Active low SPI chip enable input.
Power Delivery Control
Hot Plug Detect
HPD
IS/O8
DisplayPort Hot Plug Detection. Refer to Section 14.0, "Dis-
playPort Hot Plug Detect (HPD)," on page 195 for addi-
tional information.
Discharge
DISCHARGE
O8
VBUS Discharge. Enables external VBUS discharge circuit
when commanded by USB PD software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com