Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 69 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 69 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology UPD360 Datasheet HTML 69Page - Microchip Technology UPD360 Datasheet HTML 70Page - Microchip Technology UPD360 Datasheet HTML 71Page - Microchip Technology UPD360 Datasheet HTML 72Page - Microchip Technology UPD360 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 69
UPD360
The following tables summarize the expected thresholds to be matched in the CCx Match Registers (CCx_MATCH) for
various configurations. Refer to the CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) for the debouncer mask
used in these configurations.
The following examples illustrate the rationale behind the expected matches in the previous tables.
DFP: Advertise 1.5 A and connected to powered cable, UFP not attached
In this scenario the DFP is advertising 1.5 A and connected to a powered cable. The UFP is not attached. The vRd value
measured will be less than 0.35V per specification.
In this configuration the following thresholds are enabled for matching:
• CC_THR1 (DFP_ACT_1A5)
TABLE 9-2:
DFP CC MATCH SUMMARY
CC State
CC
THR0
CC
THR1
CC
THR2
CC
THR3
CC
THR4
CC
THR5
CC
THR6
CC
THR7
Advertise Default USB Current and
connected to powered cable
0
0
0
0
000
0
Advertise 1.5 A and connected to
powered cable
0
0
0
0
000
0
Advertise 3.0 A and connected to
powered cable
0
0
0
0
000
0
Advertise Default USB Current and
connected to UFP
1
0
0
0
000
0
Advertise 1.5 A and connected to
UFP
0
1
0
0
000
0
Advertise 3.0 A and connected to
UFP
0
0
0
1
000
0
Advertise Default USB Current and
no connect (vOpen)
1
0
0
0
010
0
Advertise 1.5 A and no connect
(vOpen)
0
1
0
0
010
0
Advertise 3.0 A and no connect
(vOpen)
0
0
0
1
001
0
Proprietary Mode and no connect
(vOpen)
0
0
0
0
000
1
TABLE 9-3:
UFP CC MATCH SUMMARY
CC State
CC
THR0
CC_
THR1
CC
THR2
CC
THR3
CC
THR4
CC
THR5
CC
THR6
CC
THR7
Powered cable detected.
0
0
0
0
0
0
0
0
No Connect (SNK.Open)
0
0
0
0
0
0
0
0
DFP Connected and advertising
default USB current
1
0
0
0
000
0
DFP Connected and advertising 1.5
A
1
0
1
0
000
0
DFP Connected and advertising 3.0
A
1
0
1
0
100
0
DFP Connected and advertising pro-
prietary current
1
0
1
0
100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com