Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 37 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology UPD360 Datasheet HTML 39Page - Microchip Technology UPD360 Datasheet HTML 40Page - Microchip Technology UPD360 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 37
UPD360
8.2
General Purpose I/O
A key function of the UPD360 is to manage external devices via up to sixteen PIOs. Usually this is accomplished via
host software programming of the PIOs.
In some cases the UPD360 must automatically override the PIO state in response to an error condition. Features have
been incorporated into the design to enable such operation. This is required in cases where the latency introduced by
reliance on software to affect PIO state is either or too long or not deterministic.
A PIO is configured via the respective Configure PIOx Registers (CFG_PIOx). A PIO may also be configured to assert
PIO_INT in Interrupt Status Register (INT_STS). The state of a PIO is known by reading the PIO Status Register
(PIO_STS).
A mechanism exists for multiple PIO outputs to be updated via a single register write. This is accomplished via the Con-
figure PIO Output Register (CFG_PIO_OUT). Writes to this register that change the output value of a PIO are reflected
in the DataOutput bit of the respective Configure PIOx Registers (CFG_PIOx). Likewise, writes to DataOutput in the
Configure PIOx Registers (CFG_PIOx) will update the respective bit in the Configure PIO Output Register (CFG_PI-
O_OUT).
FIGURE 8-2:
CC_INT INTERRUPT HIERARCHY
Note:
The GPO1 and GPO10 general purpose signals can only function as outputs and must be kept in a
low state coincident with de-asserting RESET_N.
Note:
GPIO0 is not available in the UPD360-C.
Note:
In Standalone DFP/UFP modes (UPD360-A/UPD360-B only), GPIOs 9-15 have alternate dedicated func-
tions, as defined in Section 3.1.1.1, "UPD360-A/UPD360-B GPIO[9:15] Functions in Standalone DFP/UFP
Modes," on page 11
CC_INT_STS[6]
CC_INT_EN[6]
CC_INT_STS[7]
CC_INT_EN[7]
0b
0b
CC_INT_EN[5]
Detach Detected
CC_INT_EN[4]
Attach Detected
CC_INT_STS[5]
CC_INT_STS[4]
CC_INT_EN[3]
Disconnect Detected
CC_INT_STS[3]
CC_INT_STS[1]
CC_INT_EN[1]
CC_INT_STS[2]
CC_INT_EN[2]
Connect Detected
CC_INT_EN[0]
CC_INT_STS[0]
CC2_MATCH_EN[7]
CC2_CHG_STS[7]
CC2_MATCH_EN[0]
CC2_CHG_STS[0]
CC2_MATCH_EN[7]
CC1_CHG_STS[7]
CC1_MATCH_EN[0]
CC1_CHG_STS[0]
CC_INT
(to INT_STS[0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com