Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 1 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 1 Page - Microchip Technology

  UPD360 Datasheet HTML 1Page - Microchip Technology UPD360 Datasheet HTML 2Page - Microchip Technology UPD360 Datasheet HTML 3Page - Microchip Technology UPD360 Datasheet HTML 4Page - Microchip Technology UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 1
Highlights
• Small Form Factor 4 x 4 mm 44-WFBGA Package
• Integrated Analog Discrete Components Reduce
Bill of Materials and Design Footprint
• USB Power Delivery 2.0 Compliant MAC
• USB Type-CTM (1) Connector Support with
Connection Detection and Control
•I2C/SPI (2) Interface for CPU/SoC Communication
• USB Type-C™ Alternate Mode Support
• Dual Role Power (DRP) and Role Swap Support
Target Applications
• Notebook Computers
• All-in-One/Desktop PCs
• Smartphones
•Tablets
• Monitors
• Docking Stations
•HDTVs
• Printers
Key Benefits
• Integrated Analog Discrete Components
- VCONN FETs with Rp/Rd Switching
- Dead Battery Rd termination
- Programmable Current Sense for
Overcurrent Conditions
- Voltage Sense for Overvoltage Conditions
• Integrated 5V/3A Port Power Controller (PPC)
- Supports up to 5V/3A on VBUS
- Supplies 500mA, 900mA, 1.5A, and 3.0A per
USB Type-C™ Specification
• Integrated 3.3V Power Switch
- Provides Dead Battery Support
- Automatically Switch between VBUS and
Main +3.3V
• USB Power Delivery MAC
- Compliant with USB Power Delivery
Specification Revision 2.0
- Power Delivery Packet Framing
- CRC Checking/Generation
- 4B/5B Encoding/Decoding
- BMC Encoding/Decoding
- EOP/SOP Generation for PD Frames
- SOP Detection and SOP Header Processing
- Separate RX/TX FIFOs
- Automatic GoodCRC Message Generation
- Automatic Retry Generation
- Error Handling
- Low Standby Power Support via Sleep State
• USB Type-C Cable Detect Logic
- Auto Cable Attach & Orientation Detection
- Routes Baseband Communication to
Respective CC Pin per Detected Orientation
- VCONN Supply Control for Active Cable
- Configurable Downstream Facing Port (DFP)
and Upstream Facing Port (UFP) Modes
- Charging Current Capability Detection
- Detection of Debug Accessory Mode,
Audio Adapter Accessory Mode
• +1.8V I2C (1 MHz) Interface Supports Communi-
cation/Configuration via Companion CPU/SoC
• Alternate Mode Support
- DisplayPortTM, ThunderboltTM,
and other Major Protocols
• CFG_SEL0 Pin for Selection of Device Mode
• CFG_SEL1 Pin for Selection of I2C addresses (2)
• Power and I/Os
- Integrated 1.8V Voltage Regulator
- 16 Configurable General Purpose I/O Pins
•Software
- C Libraries
• Package
- 44-ball WFBGA (4 x 4 x 0.7 mm)
• Environmental
- Commercial Temperature Range
(0°C to +70°C)
1. USB Type-C™ and USB-C™ are trademarks of
USB Implementers Forum.
2. Available only in select UPD360 configurations.
UPD360
Highly Integrated Small Form Factor
USB Type-C™ Power Delivery 2.0 Port Controller


Similar Part No. - UPD360

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD30101 RENESAS-UPD30101 Datasheet
3Mb / 100P
MOS INTEGRATED CIRCUIT
1997
UPD30101GM-33-8ED RENESAS-UPD30101GM-33-8ED Datasheet
3Mb / 100P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Renesas Technology Corp
UPD30102 RENESAS-UPD30102 Datasheet
722Kb / 114P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD30102GM-54-8EV NEC-UPD30102GM-54-8EV Datasheet
2Mb / 701P
64/32-bit Microprocessor
More results

Similar Description - UPD360

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com