Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 24 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 24 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology UPD360 Datasheet HTML 22Page - Microchip Technology UPD360 Datasheet HTML 23Page - Microchip Technology UPD360 Datasheet HTML 24Page - Microchip Technology UPD360 Datasheet HTML 25Page - Microchip Technology UPD360 Datasheet HTML 26Page - Microchip Technology UPD360 Datasheet HTML 27Page - Microchip Technology UPD360 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 221 page
background image
UPD360
DS00002084C-page 24
 2016-2017 Microchip Technology Inc.
This is not relevant for subsequent writes after a new Start condition, since a new register address (with its DIR subfield)
must then be included. However, this would affect the address used by any subsequent read without first resetting the
register address.
For both single and multiple writes, if the master sends an unexpected start or stop condition, the device will stop imme-
diately and will respond to the next sequence as needed.
The data write to a multi-byte register may be delayed until after all bits are input. In the event that the full register is not
written (master sends a start or a stop condition occurs unexpectedly), the write may be considered invalid and the reg-
ister not affected. Multiple registers may be written in a multiple write cycle, each one being written in sequence. I2C
writes must not be performed to unused register addresses.
Figure 5-5 illustrates a typical single and multiple register write.
5.2.8
SPECIAL CSR HANDLING
5.2.8.1
Live Bits
Register values are latched (registered) at the beginning of each register read to prevent the host from reading a chang-
ing value. The latching occurs individually per register in a multiple register read sequence.
5.2.8.2
Change-on-Read Registers and FIFOs
Any single-byte register that triggers a side-effect from a read operation (for example, containing “clear on read” bits, or
advancing a FIFO structure) triggers only after the host has begun accessing the value. The value seen by the master
will always be the original value and never the updated result of the side-effect.
For a multiple-byte register that is considered a single unit, the change may be delayed until all bytes of the register
have been read. In the event that the host sends a no-acknowledge on one of the first bytes of a multi-byte register, or
a start or stop condition occurs unexpectedly before the acknowledge of the full register, the read may be considered
invalid and the side-effect not triggered.
Registers read in multiple-register read access will trigger multiple side-effects, occurring as they are read. The following
registers have read side-effects:
• Watchdog Count Register (WDT_COUNT)
FIGURE 5-5:
I2C SLAVE WRITES
Multiple Register Writes
Single Register Write
S
S
A
2
S
A
1
S
A
0
0
R/~W
Control Byte
A
A
A
A
A
9
A
8
A
C
K
A
C
K
Address Byte 1
S
A
6
S
A
5
S
A
4
S
A
3
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
Address Byte 0
A
7
A
6
13 12 11 10
D
5
D
4
D
3
D
2
D
1
D
0
P
Data Byte
D
7
D
6
A
C
K
Data Byte 1
D
7
D
6
..
. D
1
D
0
A
C
K
Data Bytes
2 — (n-1)
..
.
A
C
K
Data Byte n
D
7
D
6
..
. D
1
D
0
S
S
A
2
S
A
1
S
A
0
0
R/~W
Control Byte
A
A
A
A
A
9
A
8
A
C
K
A
C
K
Address Byte 1
S
A
6
S
A
5
S
A
4
S
A
3
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
Address Byte 0
A
7
A
6
13 12 11 10
P
A
C
K
DIR
Inc /
Dec /
Static
14
15
DIR
Inc /
Dec /
Static
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com