Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 64 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 64 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 221 page
background image
UPD360
DS00002084C-page 64
 2016-2017 Microchip Technology Inc.
8.5.37
OCS COMPARATOR X THRESHOLD REGISTERS (OCS_CMPX_THR)
8.5.38
OCS COMPARATOR DEBOUNCE REGISTER (OCS_CMP_DEBOUNCE)
8.5.39
IRQ_N PU/PD CONTROL REGISTER (IRQ_PUPD)
This register controls the PU and PU for the IRQ_N pin.
Address:
x=1: 0084h
x=2: 0086h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
0h
9:0
OCS Comparator Threshold
The lower byte of the threshold must be written before the upper byte. The
entire 10-bit threshold is updated when the second write occurs.
This has units of ~2.5V/1024.
Note:
This register shall not be modified while the OCS debouncer is
enabled.
R/W
0h
Address:
0088h
Size:
8 bits
Bits
Description
Type
Default
7:0
OCS_CMP_DEBOUNCE
Indicates the period of time for which the OCS_COMP1 and OCS_COMP2
inputs are debounced.
This field has units of 100 us.
Note:
This register shall not be modified while the OCS debouncer is
enabled.
R/W
0Fh
Address:
009Bh
Size:
8 bits
Bits
Description
Type
Default
7
PullUpEnable
0: No pull-up
1: Pull-up enabled.
R/W
0b
6
PullDownEnable
0: No pull-down
1: Pull-down enabled.
R/W
0b
5:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com