Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 19 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 19 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology UPD360 Datasheet HTML 22Page - Microchip Technology UPD360 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 19
UPD360
4.0
REGISTER MAP
This chapter provides the device register map, summarizing the various directly addressable System Control and Status
Registers (CSRs). All CSRs are directly accessible via the device’s internal I2C Slave Controller (UPD360-A/UPD360-
B Only) or SPI Slave Controller (UPD360-C Only). Detailed descriptions of the System CSRs are provided in the chap-
ters corresponding to their function. Table 4-1 provides a summary of all directly addressable CSRs and their corre-
sponding addresses.
Note:
Register bit type definitions are provided in Section 1.3, "Register Nomenclature," on page 6.
TABLE 4-1:
DEVICE REGISTER MAP
Address
Registers
3400h-FFFFh
RESERVED
3000h-33FFh
Watchdog Timer Registers
2C00h-2FFFh
RESERVED
2800h-2BFFh
Baseband CC Interface Registers
2000h-27FFh
RESERVED
1C00h-1FFFh
Power Switch Registers
1800h-1BFFh
Power Delivery MAC Registers
1400h-17FFh
RESERVED
1000h-13FFh
Clocks and Power Management Registers
0C00h-0FFFh
DisplayPort HPD Registers
0800h-0BFFh
Cable Orientation and Detection Registers
0400h-07FFh
Port Power Controller Registers
0000h-03FFh
System Control Registers
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com