Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 6 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 6 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 2Page - Microchip Technology UPD360 Datasheet HTML 3Page - Microchip Technology UPD360 Datasheet HTML 4Page - Microchip Technology UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology UPD360 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 221 page
background image
UPD360
DS00002084C-page 6
 2016-2017 Microchip Technology Inc.
1.3
Register Nomenclature
1.4
References
•NXP I2C-Bus Specification (UM10204, April 4, 2014): www.nxp.com/documents/user_manual/UM10204.pdf
• USB Power Delivery and USB Type-C™ Specifications: http://www.usb.org/developers/docs/usb_31_102015.zip
• VESA DisplayPort Alternate Mode Specification 1.0: http://www.vesa.org
TABLE 1-3:
REGISTER NOMENCLATURE
Register Bit Type Notation
Register Bit Description
R
Read: A register or bit with this attribute can be read.
W
Write: A register or bit with this attribute can be written.
RO
Read only: Read only. Writes have no effect.
RS
Read to Set: This bit is set on read.
WO
Write only: If a register or bit is write-only, reads will return unspecified data.
W1S
Write One to Set: Writing a one sets the value. Writing a zero has no effect.
W1C
Write One to Clear: Writing a one clears the value. Writing a zero has no effect.
WC
Write Anything to Clear: Writing anything clears the value.
LL
Latch Low: Clear on read of register.
LH
Latch High: Clear on read of register.
SC
Self-Clearing: Contents are self-cleared after the being set. Writes of zero have no
effect. Contents can be read.
RO/LH
Read Only, Latch High: Bits with this attribute will stay high until the bit is read. After it
is read, the bit will remain high, but will change to low if the condition that caused the
bit to go high is removed. If the bit has not been read, the bit will remain high regard-
less of a change to the high condition.
NASR
Not Affected by Software Reset. The state of NASR bits do not change on assertion
of a software reset.
RESERVED
Reserved Field: Reserved fields must be written with zeros, unless otherwise indi-
cated, to ensure future compatibility. The value of reserved bits is not guaranteed on a
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com