Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 27 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 27 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 23Page - Microchip Technology UPD360 Datasheet HTML 24Page - Microchip Technology UPD360 Datasheet HTML 25Page - Microchip Technology UPD360 Datasheet HTML 26Page - Microchip Technology UPD360 Datasheet HTML 27Page - Microchip Technology UPD360 Datasheet HTML 28Page - Microchip Technology UPD360 Datasheet HTML 29Page - Microchip Technology UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 27
UPD360
The instructions supported by the SPI slave controller are listed in Table 6-1. Unsupported instructions are reserved and
must not be used.
6.2.1
DEVICE INITIALIZATION
Until the device has been initialized to the point where the various configuration inputs are valid, the SPI interface will
not respond to or be affected by any external pin activity.
Once device initialization completes, the SPI interface will ignore the pins until a rising edge of SPI_CS is detected.
If the device initialization completes during an active cycle (SPI_CS low), the trailing end of the frame must be seen
(SPI_CS returning high) before any internal registers are affected or the state of the SPI interface changes.
The first SPI access after device initialization must always be a dummy read to the SPI Test Register (SPI_TEST)
(UPD360-C Only).
6.2.1.1
SPI Slave Read Polling for Initialization Complete
With an external weak pull-up resistor present on SPI_DO, a value of FFh will appear to have been read from any inter-
nal register while the device is uninitialized. By verifying the SPI Test Register (SPI_TEST) (UPD360-C Only) has at
least one “0” bit in it, it is possible to tell when the device is initialized.
6.2.2
ACCESS DURING AND FOLLOWING POWER MANAGEMENT
The Wake event on SPI traffic is local to the specific device, and does not affect the states of other devices even on the
same SPI bus. Until waking is complete, the SPI interface holds the SPI_DO pin low for the duration of the SPI_CS low
time.
Until the device is awake, then, any Read access performed by the Master will appear to have returned all “1” bits. To
determine when the device is awake and the SPI interface functional, the SPI Test Register (SPI_TEST) (UPD360-C
Only) should be repeatedly polled by the Master in separate frames (SPI_CS low then high). Once a correct, non-zero
value is read, the interface can be considered functional. As an alternative to polling, an IRQ_N pin assertion can be
used to indicate the device is ready.
Once the power management mode changes back to ACTIVE, the SPI interface will still ignore the SPI_CLK and
SPI_DI pins, following SPI_CS low with SPI_DO low, until SPI_CS is seen high. At the next SPI_CS falling edge, SPI
communication will continue normally.
At any time after performing SPI traffic, the device will not go back to a non-communicating power state until explicitly
allowed to do so by a command from the SPI Master.
TABLE 6-1:
SPI INSTRUCTIONS
Instruction
Description
Bus Bit
Width
Inst. Code
Address
Bytes
Dummy
Bytes
Data bytes Max Freq.
Read
FASTREAD
Read, higher
speed format
10Bh
2
1
1 to
25 MHz
Write
WRITE
Write
1
02h
2
0
1 to
25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com