Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 34 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 34 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology UPD360 Datasheet HTML 37Page - Microchip Technology UPD360 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 221 page
background image
UPD360
DS00002084C-page 34
 2016-2017 Microchip Technology Inc.
7.7
Reset Operation
The following chip-level resets are supported by the device:
• Power-On-Reset (POR)
• Pin Reset (RESET_N)
• Software Reset (SRESET in Hardware Control Register (HW_CTL))
• Watchdog Timer (WDT_STS)
Chip-level resets trigger the sampling of the CFG_SEL0 and CFG_SEL1 configuration straps (see Section 9.8.1, "Con-
figuration Selection," on page 81 for additional information). Chip-level reset completion can be determined by assertion
of the RDY_INT bit in the Interrupt Enable Register (INT_EN) and assertion of the IRQ_N pin.
The following is s summary of steps that occur after a chip-level reset.
1.
System level reset event (POR, RESET_N, SRESET, WDT_STS) occurs.
2.
The device enables the 20 KHz Keep Alive Oscillator, 48 MHz Relaxation Oscillator, and 1MHz Ring Oscillator.
3.
The device samples the CFG_SELx pins.
4.
The device configures itself in accordance with the CFG_SELx pin and settings.
5.
The device is enabled, the RDY_INT bit in the Interrupt Enable Register (INT_EN) asserts, the IRQ_N pin
asserts.
6.
The device disables the 48 MHz Relaxation Oscillator and the Ring Oscillator.
7.8
Clocks and Power Management Registers
This section details the clocks and power management registers. For an overview of the entire device register map, refer
to Section 4.0, "Register Map," on page 19.
7.8.1
CLOCK CONTROL REGISTER (CLK_CTL)
Note 7-1
This bit will always appear asserted when read by software, as the 48 MHz Relaxation Oscillator must
be enabled to facilitate I2C/SPI transactions.
TABLE 7-1:
CLOCKS AND POWER MANAGEMENT REGISTERS MAP
Address
Register Name (Symbol)
1000h
Clock Control Register (CLK_CTL)
1001h – 13FFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.
Address:
1000h
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
-
2
Ring Oscillator Enable
0: Oscillator is disabled.
1: Oscillator is enabled.
R/W
0b
1
48 MHz Relaxation Oscillator Enable
0: Oscillator is disabled.
1: Oscillator is enabled.
R/W
Note 7-1
0
20 KHz Keep Alive Oscillator Enable
0: Oscillator is disabled.
1: Oscillator is enabled.
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com