Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 53 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 53 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 49Page - Microchip Technology UPD360 Datasheet HTML 50Page - Microchip Technology UPD360 Datasheet HTML 51Page - Microchip Technology UPD360 Datasheet HTML 52Page - Microchip Technology UPD360 Datasheet HTML 53Page - Microchip Technology UPD360 Datasheet HTML 54Page - Microchip Technology UPD360 Datasheet HTML 55Page - Microchip Technology UPD360 Datasheet HTML 56Page - Microchip Technology UPD360 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 53
UPD360
8.5.16
CONFIGURE PIOX UPDATE REGISTERS (CFG_PIOX_UPD)
Address:
x=0: 0040h
x=1: 0041h
x=2: 0042h
x=3: 0043h
x=4: 0044h
x=5: 0045h
x=6: 0046h
x=7: 0047h
x=8: 0048h
x=9: 0049h
x=10: 004Ah
x=11: 004Bh
x=12: 004Ch
x=13: 004Dh
x=14: 004Eh
x=15: 004Fh
Size:
8 bits
Bits
Description
Type
Default
7
PullUpEnabled
R/W
0b
6
PullDownEnabled
R/W
0b
5
FallingAlert
R/W
0b
4
RisingAlert
R/W
0b
3
OutputValue
R/W
0b
2
BufferType
R/W
0b
1
Direction
R/W
0b
0
Enable
R/W
0b
Note:
The GPO1 and GPO10 general purpose signals can only function as outputs and must be kept in a
low state coincident with de-asserting RESET_N.
Note:
GPIO0 is not available in the UPD360-C.
Note:
In Standalone DFP/UFP modes (UPD360-A/UPD360-B only), GPIOs 9-15 have alternate dedicated func-
tions, as defined in Section 3.1.1.1, "UPD360-A/UPD360-B GPIO[9:15] Functions in Standalone DFP/UFP
Modes," on page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com