Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 61 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 61 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 57Page - Microchip Technology UPD360 Datasheet HTML 58Page - Microchip Technology UPD360 Datasheet HTML 59Page - Microchip Technology UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 61
UPD360
8.5.31
PIO DEBOUNCE STATUS REGISTER (PIO_DEBOUNCE_STS)
8.5.32
PIO DEBOUNCE ENABLE REGISTER (PIO_DEBOUNCE_EN)
This register enables a PIO for debouncing and selects the debouncer to be used as defined below:
• 00b: Debounce disabled
• 01b: Debounce Enabled (PIO Debounce Count One Microsecond Register (PIO_DEBOUNCE_1US_COUNT))
• 10b: Debounce Enabled (PIO Debounce Count One Millisecond Register (PIO_DEBOUNCE_1MS_COUNT))
• 11b: Debounce Enabled (PIO Debounce Count Ten Millisecond Register (PIO_DEBOUNCE_10MS_COUNT))
Address:
006Fh
Size:
8 bits
Bits
Description
Type
Default
7:1
RESERVED
RO
0h
0
PIO_DB_ACT
PIO Debounce Active
This bit is used to indicate that a PIO debounce is in process.
1b: PIO debounce pending
0b: PIO not pending
RO
0b
Address:
0070h
Size:
32 bits
Bits
Description
Type
Default
31:30
PIO_DB_EN15
R/W
00b
29:28
PIO_DB_EN14
R/W
00b
27:26
PIO_DB_EN13
R/W
00b
25:24
PIO_DB_EN12
R/W
00b
23:22
PIO_DB_EN11
R/W
00b
21:20
PIO_DB_EN10
R/W
00b
19:18
PIO_DB_EN9
R/W
00b
17:16
PIO_DB_EN8
R/W
00b
15:14
PIO_DB_EN7
R/W
00b
13:12
PIO_DB_EN6
R/W
00b
11:10
PIO_DB_EN5
R/W
00b
9:8
PIO_DB_EN4
R/W
00b
7:6
PIO_DB_EN3
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com