Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 84 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 84 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 80Page - Microchip Technology UPD360 Datasheet HTML 81Page - Microchip Technology UPD360 Datasheet HTML 82Page - Microchip Technology UPD360 Datasheet HTML 83Page - Microchip Technology UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 221 page
background image
UPD360
DS00002084C-page 84
 2016-2017 Microchip Technology Inc.
9.12
Cable Orientation and Detection Registers
This section details the cable plug orientation and detection registers. For an overview of the entire device register map,
refer to Section 4.0, "Register Map," on page 19.
TABLE 9-9:
SYSTEM CONTROL AND STATUS REGISTERS MAP
Address
Register Name (Symbol)
0800h
CC Hardware Control Register (CC_HW_CTL)
0803h
CC Interrupt Status Register (CC_INT_STS)
0804h
CCx Change Status Registers (CCx_CHG_STS) x=1
0805h
CCx Change Status Registers (CCx_CHG_STS) x=2
0806h
CCx Match Registers (CCx_MATCH) x=1
0807h
CCx Match Registers (CCx_MATCH) x=2
0808h
VBUS Match Register (VBUS_MATCH)
0809h
VBUS Change Status Register (VBUS_CHG_STS)
080Ah
Power Interrupt Status Register (PWR_INT_STS)
080Bh
Debug Interrupt Status Register (DBG_INT_STS)
080Ch – 0810h
Reserved for future expansion
0811h
CC Interrupt Enable Register (CC_INT_EN)
0812h
CCx Match Enable Registers (CCx_MATCH_EN) x=1
0813h
CCx Match Enable Registers (CCx_MATCH_EN) x=2
0814h
VBUS Match Enable Register (VBUS_MATCH_EN)
0815h
Power Interrupt Enable Register (PWR_INT_EN)
0816h
Debug Interrupt Enable Register (DBG_ENT_EN)
0817h
Match Debounce Register (MATCH_DEB)
0818h
PD Debounce Register (PD_DEB)
0819h
VCONN OCS and Back-Drive Debounce Register (VCONN_DEB)
081Ah
CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) x=1
081Bh
CCx Debounce Clear Enable Registers (CCx_DBCLR_EN) x=2
081Ch
VBUS Debounce Clear Enable Register (VBUS_DBCLR_EN)
081Dh
CCx Sample Enable Registers (CCx_SAMP_EN) x=1
081Eh
CCx Sample Enable Registers (CCx_SAMP_EN) x=2
081Fh
Reserved for future expansion
0820h
CC Control Register (CC_CTL)
0822h
CC Threshold x Registers (CC_THRx) x=0
0824h
CC Threshold x Registers (CC_THRx) x=1
0826h
CC Threshold x Registers (CC_THRx) x=2
0828h
CC Threshold x Registers (CC_THRx) x=3
082Ah
CC Threshold x Registers (CC_THRx) x=4
082Ch
CC Threshold x Registers (CC_THRx) x=5
082Eh
CC Threshold x Registers (CC_THRx) x=6
0830h
CC Threshold x Registers (CC_THRx) x=7
0832h
CC Debounce Register (CC_DEB)
0834h – 083Fh
Reserved for future expansion
0840h
VBUS Control Register (VBUS_CTL)
0842h
VBUS Threshold x Registers (VBUS_THRx) x=0
0844h
VBUS Threshold x Registers (VBUS_THRx) x=1
0846h
VBUS Threshold x Registers (VBUS_THRx) x=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com