Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 90 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 90 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology UPD360 Datasheet HTML 90Page - Microchip Technology UPD360 Datasheet HTML 91Page - Microchip Technology UPD360 Datasheet HTML 92Page - Microchip Technology UPD360 Datasheet HTML 93Page - Microchip Technology UPD360 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 221 page
background image
UPD360
DS00002084C-page 90
 2016-2017 Microchip Technology Inc.
9.12.5
VBUS MATCH REGISTER (VBUS_MATCH)
Indicates which VBUS thresholds are matched on VBUS_DET pin. A match is determined when the measured voltage
exceeds the programmed threshold.
9.12.6
VBUS CHANGE STATUS REGISTER (VBUS_CHG_STS)
Address:
0808h
Size:
8 bits
Note:
When not operating in standalone mode, this register will always read 0h until the VBUS comparator is
enabled.
Note:
The contents of this register shall be debounced per the settings in VBUS Debounce Clear Enable Register
(VBUS_DBCLR_EN).
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5
VBUS Threshold 3 Match (VBUS3_THR_MATCH)
RO
0b
4
VBUS Threshold 2 Match (VBUS2_THR_MATCH)
RO
0b
3
VBUS Threshold 1 Match (VBUS1_THR_MATCH)
RO
0b
2
VBUS Threshold 0 Match (VBUS0_THR_MATCH)
RO
0b
1
RESERVED
RO
-
0
VBUS VSafe0v Match (VSAFE0V_THR_MATCH)
RO
0b
Address:
0809h
Size:
8 bits
Bits
Description
Type
Default
7:0
VBUS Change Status (VBUS_CHG_STS)
When set, each bit indicates that the respective bit in VBUS Match Register
(VBUS_MATCH) has changed.
A write of 1b clears the respective status bit.
R/WC
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com