Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 98 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 98 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 94Page - Microchip Technology UPD360 Datasheet HTML 95Page - Microchip Technology UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 221 page
background image
UPD360
DS00002084C-page 98
 2016-2017 Microchip Technology Inc.
9.12.20
CC CONTROL REGISTER (CC_CTL)
The register controls the pull-down resistors and current sources on the respective CC1/CC2 pin.
Address:
0820h
Size:
16 bits
Bits
Description
Type
Default
15
RA Detect
When set, indicates that an RA resistor has been detected.
This bit is set by the device when Standalone Operation is configured for
standalone mode. The device updates this field after an attach has been
detected.
R/WC
0b
14:13
CC Comparator Control
00b: CC Comparator and DAC powered-down
01b: CC Comparator samples CC1
10b: CC Comparator samples CC2
11b: CC Comparator samples CC1 and CC2
Note:
A sample is taken every 100 us. The current source reference shall
also be powered down when a value of 00b is set.
Note:
This field is RO and the contents are 11b when standalone mode
is enabled.
Note:
This field is used in conjunction with the CCx Sample Enable Reg-
isters (CCx_SAMP_EN) which constrains the number of thresh-
olds monitored on the enabled CC pin(s).
Note 9-7
00b
12
CC Communication Select
0b: CC1 is used for baseband communication.
1b: CC2 is used for baseband communication.
This bit is set by the device when Standalone Operation is configured for
standalone mode. The device updates this field after an attach has been
detected.
This bit is RO and reflects the state determined by the internal logic. In stand-
alone mode, this bit matches the state of the ORIENTATION pin (UPD360-A/
UPD360-B only).
Note 9-7
0b
11:10
CC2 RP Value
00b: RP current source disabled
01b: RP current source enabled, default USB power
10b: RP current source enabled, 1.5A
11b: RP current source enabled, 3.0A
Controls RP value on CC2 pin.
R/W
00b
Note 9-8
9:8
CC1 RP Value
00b: RP current source disabled
01b: RP current source enabled, default USB power
10b: RP current source enabled, 1.5A
11b: RP current source enabled, 3.0A
Controls RP value on CC1 pin.
R/W
00b
Note 9-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com