Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 96 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 96 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 92Page - Microchip Technology UPD360 Datasheet HTML 93Page - Microchip Technology UPD360 Datasheet HTML 94Page - Microchip Technology UPD360 Datasheet HTML 95Page - Microchip Technology UPD360 Datasheet HTML 96Page - Microchip Technology UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 221 page
background image
UPD360
DS00002084C-page 96
 2016-2017 Microchip Technology Inc.
9.12.18
VBUS DEBOUNCE CLEAR ENABLE REGISTER (VBUS_DBCLR_EN)
When a bit is set, the respective threshold shall be included in the VBUS debouncer. Alternatively, when cleared, the
respective threshold shall no longer be considered by the debouncer.
When VBUS_DBCLR_EN bits are set on-the-fly, if a mismatch between the current raw match vector (for the new
VBUS_DBCLR_EN) and the previous raw match vector (for the old VBUS_DBCLR_EN) exists, the DB will be reset.
Note:
Clearing bits in this register at run time does not reset the debouncer.
APPLICATION NOTE: Clearing a bit in VBUS Debounce Clear Enable Register (VBUS_DBCLR_EN) shall cause
the respective bit in VBUS Match Register (VBUS_MATCH) to be immediately updated upon
a change in state of the associated threshold. This causes a state change in VBUS Change
Status Register (VBUS_CHG_STS) and assertion of VBUS_INT, if enabled. To prevent this,
the VBUS Match Register (VBUS_MATCH) should be updated before the VBUS Debounce
Clear Enable Register (VBUS_DBCLR_EN) by having the associated threshold cleared.
Note 9-6
The default depends on the device’s configuration, as shown in table Table 9-11 which depends upon
CFG_SEL0 pin.
TABLE 9-10:
CCX_DBLCLR_DEB DEFAULTS
Configuration
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Standalone UFP
(UPD360-A/UPD360-B only)
10
10
10
00
Standalone DFP (Default Current)
(UPD360-A/UPD360-B only)
10
00
01
00
Standalone DFP (1.5 A)
(UPD360-A/UPD360-B only)
01
00
01
00
Standalone DFP (3.0 A)
(UPD360-A/UPD360-B only)
00
01
00
10
Other
00
00
00
00
Address:
081Ch
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:6
RESERVED
RO
-
5
VBUS Debounce Clear Enable (VBUS3_DBCLR_DEB)
R/W
Note 9-6
4
VBUS Debounce Clear Enable (VBUS2_DBCLR_DEB)
R/W
Note 9-6
3
VBUS Debounce Clear Enable (VBUS1_DBCLR_DEB)
R/W
Note 9-6
2
VBUS Debounce Clear Enable (VBUS0_DBCLR_DEB)
R/W
Note 9-6
1
RESERVED
RO
-
0
VSAFE0V Debounce Clear Enable 9 (VSAFE0V_DBCLR_DEB)
R/W
Note 9-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com