Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 87 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 87 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 83Page - Microchip Technology UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology UPD360 Datasheet HTML 90Page - Microchip Technology UPD360 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 87
UPD360
Note 9-1
Default is 1b when a standalone configuration is selected otherwise the default is 0b.
Note 9-2
Default is a function of the PWR_CAP0 and PWR_CAP1 pins, when the configuration supports these
pins. Otherwise the default is 0h.
Note 9-3
Default is a function of the CFG_SEL0 and CFG_SEL1 pins. When the configuration indicates UFP
configuration this bit defaults to 0b. For DFP operation this bit defaults to 1b. When neither UFP or
DFP is specified the default shall be 0b.
7:6
Power Capability
Indicates the charging current capacity of the device as defined by the PWR_-
CAPx pins. (UPD360-A/UPD360-B only)
This field only has meaning for configurations where the PWR_CAPx pins are
available (UPD360-A/UPD360-B only).
RO
Note 9-2
5:3
Detach Threshold Select
Defines which CC threshold shall be used for determining a detach when
operating as a standalone DFP (UPD360-A/UPD360-B only).
R/W
Note 9-2
2
Device Role
0b: Device configured as UFP.
1b: Device configured as DFP.
Note:
This bit must not be modified while the CC debouncer is enabled.
R/W
Note 9-3
1
RESERVED
RO
-
0
Standalone Operation
0b: Companion Mode
1b: Standalone mode (UPD360-A/UPD360-B only)
Standalone mode:
This is the mode of operation supported for standalone operation. During
standalone operation, the I2C interface may not be available and the host
CPU is not capable of managing the UPD360.
The following functions can be handled by the internal logic when this bit is
set:
• VCONN Enabled/Disable
• Attach detection and assertion of ATTACH
• Detach detection and de-assertion of ATTACH
• Orientation detection and assertion/de-assertion of ORIENTATION pin
• Enables CC de-bouncer.
R/W
Note 9-1
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com