Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 4 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 4 Page - Microchip Technology

  UPD360 Datasheet HTML 1Page - Microchip Technology UPD360 Datasheet HTML 2Page - Microchip Technology UPD360 Datasheet HTML 3Page - Microchip Technology UPD360 Datasheet HTML 4Page - Microchip Technology UPD360 Datasheet HTML 5Page - Microchip Technology UPD360 Datasheet HTML 6Page - Microchip Technology UPD360 Datasheet HTML 7Page - Microchip Technology UPD360 Datasheet HTML 8Page - Microchip Technology UPD360 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 221 page
background image
UPD360
DS00002084C-page 4
 2016-2017 Microchip Technology Inc.
1.0
PREFACE
1.1
Glossary of Terms
TABLE 1-1:
GLOSSARY OF TERMS
Term
Definition
ADC
Analog to Digital Converter
AFE
Analog Front End
BCI
Baseband CC Interface
Billboard
USB Billboard Device. A required USB device class for UFPs which support Alternate Modes
in order to provide product information to the USB Host.
BIST
Built-In Self Test
BMC
Bi-phase Mark Coding
Byte
8-bits
CC
Generic reference to USB Type-C™ Cable / Connector CC1/CC2 pins
CSR
Control and Status Register
DB
Dead Battery
DFP
Downstream Facing Port (USB Type-C™ Specification definition)
DP
DisplayPort (a VESA standard interface)
DPM
Device Policy Manager (PD Specification definition)
DRP
Dual Role Power (USB Type-C™ Specification definition)
DWORD
32-bits
EC
Embedded Controller
EP
USB Endpoint
FIFO
First In First Out buffer
FW
Firmware
FS
Full-Speed
Host
External system (Includes processor, application software, etc.)
HPD
Hot-Plug Detect functionality as defined by DisplayPort and DisplayPort Alternate Mode speci-
fications
HS
High-Speed
HW
Hardware (Refers to function implemented by the device)
IC
Integrated Circuit
IFC
InterFrame Gap
LDO
Linear Drop-Out regulator
MAC
Media Access Controller
Microchip
Microchip Technology Incorporated
N/A
Not Applicable
OCS
Over-Current Sense
PCS
Physical Coding Sublayer
PD / UPD
USB Power Delivery
PIO
General Purpose I/O
PMIC
Power Management Integrated Circuit
POR
Power-On Reset
PRBS
Pseudo Random Binary Sequence
QWORD
64-bits
SA
Source Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com