Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 91 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 91 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology UPD360 Datasheet HTML 90Page - Microchip Technology UPD360 Datasheet HTML 91Page - Microchip Technology UPD360 Datasheet HTML 92Page - Microchip Technology UPD360 Datasheet HTML 93Page - Microchip Technology UPD360 Datasheet HTML 94Page - Microchip Technology UPD360 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 91
UPD360
9.12.7
POWER INTERRUPT STATUS REGISTER (PWR_INT_STS)
Address:
080Ah
Size:
8 bits
Bits
Description
Type
Default
7
VBUS_MATCH_VLD
Asserts after the VBUS debouncer is first enabled, via VBUS Comparator
Control, and the first match becomes valid in VBUS Match Register (VBUS_-
MATCH).
R/WC
0b
6
VCONN Discharge Error (VCONN_DISCH_ERR)
When set this bit indicates that a VCONN discharge error has been detected.
This bit is only available in standalone DFP mode and is otherwise reserved.
A discharge error is tracked when VCONN Discharge Control is set to 00b
or 01b. A discharge error is asserted when VCONN fails to fall below VCONN
Discharge Threshold (VCONN_DIS_THR) after a time greater than VCONN
Discharge Time (VCONN_DIS_TIME) elapses.
R/WC
0b
5
CC2 Back-Drive Error
When set, indicates that back-drive has been detected on the CC2 pin.
Note:
The source of this input is a level and persists until the error condi-
tion stops.
R/WC
0b
4
VBUS Discharge Error
When set, indicates that the an interval greater than defined in the VBUS Off
Register (VBUS_OFF) has elapsed while attempting to discharge VBUS.
Note:
The source of this input is a pulse and does not persist after being
cleared.
R/WC
0b
3
VCONN2 FET Power
The integrated VCONN2 FET is enabled and providing power.
This bit only has usefulness for standalone operation or where VCONN is
explicitly enabled by the host.
Note:
The source of this input is a level and persists until the VCONN is
no longer present.
R/WC
0b
2
VCONN1 FET Power
The integrated VCONN1 FET is enabled and providing power.
This bit only has usefulness for standalone operation or where VCONN is
explicitly enabled by the host.
Note:
The source of this input is a level and persists until the VCONN is
no longer present.
R/WC
0b
1
CC1 Back-Drive Error
When set indicates that back-drive has been detected on the CC1 pin.
Note:
The source of this input is a level and persists until the error condi-
tion stops.
R/WC
0b
0
VCONN Over-Current Error
Indicates an over-current has been detected on the integrated VCONN FET.
Note:
The source of this input is a level and persists until the error condi-
tion stops.
R/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com