Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 65 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 65 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology UPD360 Datasheet HTML 65Page - Microchip Technology UPD360 Datasheet HTML 66Page - Microchip Technology UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology UPD360 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 65
UPD360
8.5.40
VOLTAGE REGULATOR CONTROL REGISTER (VREG_CTL)
8.5.41
I2C TRIM REGISTER (I2C_TRIM)
8.5.42
GENERAL PURPOSE TIMER LOAD REGISTER (GP_TIMER_LOAD)
Address:
009Ch
Size:
8 bits
Bits
Description
Type
Default
7:1
RESERVED
RO
-
1
VREG_LOW_OVR
When set, the 1.8V voltage regulator is placed in low power mode whenever
both the Ring Oscillator and 48MHz Relaxation Oscillator are disabled.
Note:
It is expected tor this bit to be set in CPU companion mode.
Note:
In standalone modes, the respective OTP bit shall be set to enable
this feature and to ensure maximum power savings.
R/W
0b
0
VREG Low Power Enable (VREG_LOW_EN)
When set, the 1.8V voltage regulator is placed in low power mode.
Note:
This bit has no meaning when the VREG_LOW_OVR bit is set.
R/W
0b
Address:
009Dh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
I2C_TRIM
This register specifies the delay added by the I2C controller in order to meet
the tHD_DAT parameter.
This register has units of 20.8 ns.
R/W
9h
Address:
00A0h
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:0
GP Timer Load
This register defines the value to be loaded into the general purpose timer
from which it will count down.
The valid range for this register is 0001h - FFFFh.
This field has units of 1 ms.
Note:
Programming 0h into this register is not valid.
Note:
Software shall not change the contents of this register while the
RESET bit is set and shall wait until this bit is cleared.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com