Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 51 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 51 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 47Page - Microchip Technology UPD360 Datasheet HTML 48Page - Microchip Technology UPD360 Datasheet HTML 49Page - Microchip Technology UPD360 Datasheet HTML 50Page - Microchip Technology UPD360 Datasheet HTML 51Page - Microchip Technology UPD360 Datasheet HTML 52Page - Microchip Technology UPD360 Datasheet HTML 53Page - Microchip Technology UPD360 Datasheet HTML 54Page - Microchip Technology UPD360 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 51
UPD360
8.5.14
PIO INTERRUPT ENABLE REGISTER (PIO_INT_EN)
8.5.15
CONFIGURE PIOX REGISTERS (CFG_PIOX)
Address:
0024h
Size:
16 bits
Bits
Description
Type
Default
15:0
PIO_EN[15:0]
When set, an interrupt can be generated on a state change from the corre-
sponding PIO line.
R/W
0h
Address:
x=0: 0030h
x=1: 0031h
x=2: 0032h
x=3: 0033h
x=4: 0034h
x=5: 0035h
x=6: 0036h
x=7: 0037h
x=8: 0038h
x=9: 0039h
x=10: 003Ah
x=11: 003Bh
x=12: 003Ch
x=13: 003Dh
x=14: 003Eh
x=15: 003Fh
Size:
8 bits
Bits
Description
Type
Default
7
PullUpEnable
0b: No pull-up
1b: Pull-up enabled.
R/W
0b
6
PullDownEnable
0b: No pull-down
1b: Pull-down enabled.
R/W
0b
5
FallingAlert
0b: No alert on falling edge
1b: Assert PIO_INT on falling edge
R/W
0b
4
RisingAlert
0b: No alert on rising edge
1b: Assert PIO_INT on rising edge
R/W
0b
3
DataOutput
0b: Inactive (low for push-pull or open-drain)
1b: Active (high for push-pull, high-z for open-drain)
Note:
The input buffer status can be determined from the respective bit
in PIO Status Register (PIO_STS).
Note:
The associated PIO output bit in the Configure PIO Output Regis-
ter (CFG_PIO_OUT) will be updated to match the value written to
this bit.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com