Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 23 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology UPD360 Datasheet HTML 22Page - Microchip Technology UPD360 Datasheet HTML 23Page - Microchip Technology UPD360 Datasheet HTML 24Page - Microchip Technology UPD360 Datasheet HTML 25Page - Microchip Technology UPD360 Datasheet HTML 26Page - Microchip Technology UPD360 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 23
UPD360
5.2.5
ACCESS DURING AND FOLLOWING POWER MANAGEMENT
During low-power modes, a Start condition will trigger the device to wake, and the device will also stretch the I2C clock
low until its internal clocks are running and locked. It will then release the I2C clock, and process the incoming packet.
It performs these steps before receiving the Slave Address bits, meaning that if there are multiple devices of this type
asleep on the same I2C bus segment then they will all stretch the clock, and they will all wake, regardless of whether
they were actually addressed. In the event that the slave address of the I2C transaction does not match the value spec-
ified in the I2C Slave Address Register (I2C_ADDR) (UPD360-A/UPD360-B Only), the device will power-down automat-
ically.
5.2.6
I2C SLAVE READ SEQUENCE
Following the device addressing, as detailed in Section 5.2.1, a register is read from the device when the master sends
a Start condition and Control byte with the R/~W bit set to ‘1’. Assuming the slave address in the Control byte matches
the device address, the Control byte is acknowledged by the device. Otherwise, the entire sequence is ignored until the
next Start condition. Following the acknowledge, the device sends 1 or more bytes of data, from successive register
addresses according to the last-issued DIR address subfield (Section 5.2.2), until the master sends a no-acknowledge
followed by the Stop condition. The no-acknowledge informs the device not to send any further bytes.
The internal register address is unchanged if only a single register byte is read, otherwise (a Multiple Register Read)
the internal register address may be incremented or decremented (Section 5.2.2) after each byte including the final one.
If the internal address reaches its maximum, it rolls over to 0.
If the master sends an unexpected start or stop condition, the device will stop sending immediately and will respond to
the next sequence as needed.
Figure 5-4 illustrates a typical single and multiple register read. An optional Write of an address is allowed to occur first,
shown in gray. Note that this example shows an abbreviated case, where the Write does not have a Stop condition
before the Read transfer’s Starts. in this case, the Stop is still allowed, but not required.
5.2.7
I2C SLAVE WRITE SEQUENCE
Following the device addressing, as detailed in Section 5.2.1, a register value is written to the device when the master
continues to send data bytes. Each byte is acknowledged by the device. Following any data byte, after the acknowledge,
the master may either send another start condition or halt the sequence with a stop condition. The internal register
address is unchanged following a single-byte write.
Multiple writes are performed when the master sends additional data bytes following the first. The internal address is
automatically incremented and the next register is written. Once the internal address reaches its maximum value, it rolls
over to 0. The multiple write is concluded when the master sends another start or stop condition. In performing a multiple
write, the internal register address may be incremented or decremented (Section 5.2.2) for each write including the final.
FIGURE 5-4:
I2C SLAVE READS
Multiple Register Reads
S
Control Byte
Single Register Read
1
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
P
S
A
2
S
A
1
S
A
0
S
A
6
S
A
5
S
A
4
S
A
3
A
C
K
R/~W
Data Byte
D
7
D
6
S
S
A
2
S
A
1
S
A
0
0
Control Byte
A
A
A
A
A
9
A
8
A
C
K
A
C
K
Address Byte 1
S
A
6
S
A
5
S
A
4
S
A
3
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
Address Byte 0
A
7
A
6
13 12 11 10
Data Byte 1
S
Control Byte
1
S
A
2
S
A
1
S
A
0
S
A
6
S
A
5
S
A
4
S
A
3
A
C
K
D
7
D
6
S
S
A
2
S
A
1
S
A
0
0
Control Byte
A
A
A
A
A
9
A
8
A
C
K
A
C
K
Address Byte 1
S
A
6
S
A
5
S
A
4
S
A
3
A
5
A
4
A
3
A
2
A
1
A
0
A
C
K
Address Byte 0
A
7
A
6
13 12 11 10
R/~W
..
. D
1
D
0
A
C
K
Data Bytes
2 — (n-1)
..
.
A
C
K
Data Byte n
D
7
D
6
..
. D
1
D
0
A
C
K
P
DIR
Inc /
Dec /
Static
14
15
DIR
Inc /
Dec /
Static
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com