Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 71 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 71 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 67Page - Microchip Technology UPD360 Datasheet HTML 68Page - Microchip Technology UPD360 Datasheet HTML 69Page - Microchip Technology UPD360 Datasheet HTML 70Page - Microchip Technology UPD360 Datasheet HTML 71Page - Microchip Technology UPD360 Datasheet HTML 72Page - Microchip Technology UPD360 Datasheet HTML 73Page - Microchip Technology UPD360 Datasheet HTML 74Page - Microchip Technology UPD360 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 71
UPD360
9.2.1
RP CURRENT SOURCES
In order to advertise the current charging capabilities of the device via the integrated port power controller or external
power circuit, Rp current sources are used. The current source can be selected by software using CC1 RP Value and
CC2 RP Value in the CC Control Register (CC_CTL). Table 9-5 summarizes the values supported by the current
sources in regards to the programmed value.
The current source coupled with the CC pins for RP advertisement is also used for sampling the CFG_SEL0 and CFG_-
SEL1 pins. When either of the CFG_SEL0/CFG_SEL1 pins are sampled, current is steered away from the CC pins and
no RP value is advertised. See the VBUS Comparator Control field in VBUS Control Register (VBUS_CTL) for further
details.
Ra
Rd
Powered Cable, UFP attached
Monitor CC2 for UFP detach.
CC1 is not monitored for detach.
On
On
Rd
Ra
Powered Cable, UFP attached
Monitor CC1 for UFP detach.
CC2 is not monitored for detach.
On
On
Rd
Rd
Debug accessory mode attached
Monitor both CC pins for detach
Off
Off
Ra
Ra
Audio accessory mode attached.
Monitor both CC pins for detach
Off
Off
TABLE 9-5:
RP CURRENT SOURCES
DFP Advertisement
Current source
(1.7V to 5.5V)
RPx Value
Disabled
00b
Default USB Power
80 uA +/-20%
01b
1.5A @ 5V
180 uA +/-8%
10b
3.0A @ 5V
330 uA +/-8%
11b
TABLE 9-4:
SOURCE DETECTION (CONTINUED)
CC1
CC2
Connection State
CC Comparator State
VBUS
VCONN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com