Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 32 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 28Page - Microchip Technology UPD360 Datasheet HTML 29Page - Microchip Technology UPD360 Datasheet HTML 30Page - Microchip Technology UPD360 Datasheet HTML 31Page - Microchip Technology UPD360 Datasheet HTML 32Page - Microchip Technology UPD360 Datasheet HTML 33Page - Microchip Technology UPD360 Datasheet HTML 34Page - Microchip Technology UPD360 Datasheet HTML 35Page - Microchip Technology UPD360 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 221 page
background image
UPD360
DS00002084C-page 32
 2016-2017 Microchip Technology Inc.
The UPD360 will be in ACTIVE_PPC_ON state when in USB Type-CTM Attached.SRC state with VBUS being driven
by the internal 5V port power controller.
7.3
Asynchronous I2C Wakeup (UPD360-A/UPD360-B Only)
The device supports asynchronous wakes on the I2C slave interface. Via clock stretching, the I2C transaction that
caused the wakeup will not be lost and does not have to be repeated by the host. The device will not clock stretch for
more than 3 us.
The following steps illustrate the I2C wake function. Initially the Ring Oscillator and 48 MHz Oscillator are disabled.
1.
The Host initiates an I2C transaction to the device.
2.
The device asynchronously detects reception of the Start Bit and enables clock stretching by pulling-down I2C_-
CLK after the host drives SCL low. The Ring Oscillator is asynchronously enabled and used as a clock source
for the power management logic.
3.
After a delay of approximately 5 us the oscillator stabilizes and clocks the I2C controller.
4.
Clock stretching is disabled and the I2C controller is enabled and begins processing the pending transaction.
5.
The I2C transaction completes.
6.
The Host checks the device status to see if there are any pending transactions. The I2C transaction may have
initiated a PD transmission or conversely a coincident PD transaction may be in the process of being received.
7.
After host confirms the device has no pending transactions, it power downs the device by disabling the Ring
Oscillator and 48 MHz Relaxation Oscillator via Clock Control Register (CLK_CTL).
8.
The device is ready to accept future asynchronous I2C wake event.
7.4
Asynchronous SPI Wakeup (UPD360-C Only)
UPD360 supports asynchronous wakes on the SPI interface. The SPI protocol for this device is defined such that there
is no requirement that the SPI transaction must be repeated.
The following steps illustrate the SPI wake function. Initially the Ring Oscillator and 48 MHz Oscillator are disabled.
1.
The device is powered down.
2.
The Host initiates an SPI transaction to the SPI Test Register (SPI_TEST) (UPD360-C Only) which, when the
device is operational, returns a non-zero value. The device drives SPI_DO to 0b while in power-down.
3.
The device detects reception of an SPI message. The Ring Oscillator is asynchronously enabled and used as a
clock source for the power management logic.
4.
After a delay of approximately 5 us the oscillator stabilizes and clocks the SPI controller.
5.
The device processes the next received SPI transaction.
6.
The SPI transaction(s) complete(s).
7.
The Host checks the device status to see if there are any pending transactions. The SPI transaction may have
initiated a PD transmission or conversely a coincident PD transaction may be in the process of being received.
8.
After the Host confirms the device has no pending transactions, it powers down the device by disabling the Ring
Oscillator, and 48 MHz Relaxation Oscillator via Clock Control Register (CLK_CTL).
9.
The device drives SPI_DO to 0b and awaits an asynchronous SPI wake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com