Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 86 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 86 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 82Page - Microchip Technology UPD360 Datasheet HTML 83Page - Microchip Technology UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology UPD360 Datasheet HTML 86Page - Microchip Technology UPD360 Datasheet HTML 87Page - Microchip Technology UPD360 Datasheet HTML 88Page - Microchip Technology UPD360 Datasheet HTML 89Page - Microchip Technology UPD360 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 221 page
background image
UPD360
DS00002084C-page 86
 2016-2017 Microchip Technology Inc.
9.12.1
CC HARDWARE CONTROL REGISTER (CC_HW_CTL)
Address:
0800h
Size:
16 bits
Bits
Description
Type
Default
15:14
SHORT_DET
Defines behavior in standalone DFP mode for handling the short circuit
condition.
0xb: A0 functionality maintained where VBUS short is not checked before
initiating VBUS discharge.
10b: Device initiates VBUS discharge only after short circuit condition has
been removed.
11b: Device initiates VBUS discharge after short circuit condition has been
removed or a time equal to TCYCLE.
Note:
This field only has meaning for standalone DFP operation.
R/W
00b
13
RESERVED
RO
-
12
BLK_PD_MSG
This bit causes the CC debouncer to pause whenever a PD message is
detected by the MAC. This applies for both transmit and receive messages.
After the message is processed
0b: Disable PD message filtering.
1b: Enable PD message filtering.
Note:
This must be enabled for collision detection.
R/W
0b
11
MATCH_DB_UNITS
This bit defines the units of the Match Debounce Register (MATCH_DEB).
0b: Match debounce has units of 1.6 ms.
1b: Match debounce has units of 100 us.
Note:
1.6 ms is derived from the time to cycle through all thresholds on
both CC pins.
R/W
0b
10
DEVICE_MODE
Indicates the current mode of the device.
0b: Device is in Companion Mode
1b: Device is in Standalone Mode (UPD360-A/UPD360-B only)
RO
0b
9
CC_DB_ACTIVE
When this bit reads back 0b, the debouncer is disabled. The CC debouncer is
enabled when it reads back 1b.
Note:
Software may poll this bit to determine when the CC debouncer is
disabled, which can be used as a condition for programming a new
configuration.
RO
0b
8
DEVICE_STATE
Indicates the current state of the device attachment.
0b: Device is not attached
1b: Device is attached
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com