Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 79 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 79 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 75Page - Microchip Technology UPD360 Datasheet HTML 76Page - Microchip Technology UPD360 Datasheet HTML 77Page - Microchip Technology UPD360 Datasheet HTML 78Page - Microchip Technology UPD360 Datasheet HTML 79Page - Microchip Technology UPD360 Datasheet HTML 80Page - Microchip Technology UPD360 Datasheet HTML 81Page - Microchip Technology UPD360 Datasheet HTML 82Page - Microchip Technology UPD360 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 79
UPD360
3.
The Rp current sources are disabled on both CC pins via CC1 RP Value or CC2 RP Value.
4.
The Ra pull-down on the CC pin previously sourcing VCONN is selected via CC1 Pull-Down Value or CC2 Pull-
Down Value. This initiates the VCONN discharge.
5.
Software sets the CC threshold 0 to 150 mv (41d), via the CC Threshold x Registers (CC_THRx), which is the
VCONN discharge threshold.
6.
Software programs 01h into the CCx Debounce Clear Enable Registers (CCx_DBCLR_EN).
7.
Software programs 01h into the CCx Match Enable Registers (CCx_MATCH_EN).
8.
Software enables CC1_MATCH_CHG or CC2_MATCH_CHG interrupt via the CC Interrupt Enable Register
(CC_INT_EN).
9.
Via the CC Control Register (CC_CTL), the CC Comparator Control selects the CC pin that was sourcing
VCONN.
10. Changes in state of the CC pin are recorded in CCx Match Registers (CCx_MATCH) and CCx Change Status
Registers (CCx_CHG_STS) after the programmed debounce period.
11. After VCONN discharges below 150mv, IRQ_N asserts which indicates VCONN has been discharged. IRQ_N
assertion of CC_MATCH_VLD with no threshold matches is also indicative of a complete discharge.
12. After the discharge has been completed, the device is in the Unattached.SRC state.
Note:
Software should implement a timer to indicate a VCONN discharge error. This may be implemented using
the General Purpose Timer. While there is no specific requirement in the Type-C specification for a maxi-
mum discharge time
Note:
After the UFP disconnect is detected, firmware must disconnect the VCONN supply within tVconnOff (35
ms) per release 1.1 of the Type-C specification.
9.8
VBUS Detection
The device implements a comparator for determining when VBUS is within a programmed range, vSafe5V, or vSafe0v.
VBUS is divided down externally via a 1:9 resistor divider to generate VBUS_DET. VBUS_DET is compared with an 8-
bit threshold generated by an integrated DAC. The comparator is also shared by the CFG_SEL0 and CFG_SEL1 pins
which are sampled automatically after a system reset
Figure 9-3 illustrates the VBUS_DET circuit. In a typical use case, VBUS_DET thresholds are programmed to track the
following voltage ranges as defined in Table 9-6.
For a DFP, the VBUS comparator is useful to detect when VBUS is within the desired range per PD negotiations. This
is the case when VBUS is generated by a source external to the device.
Note:
Table 9-6 illustrates the values of VBUS_DET utilizing +/-1% accurate resistors where R1 is 10K Ohms and
R2 is 90 kOhms.
FIGURE 9-3:
VBUS_DET COMPARATOR
Bandgap
Reference
CFG_SEL0
CFG_SEL1
VBUS_MATCH/
CFG_MATCH
DAC
VBUS and
CFG_SEL
Threshold
Generation
10-bits
20 KHz Clock
VBUS_DET
VBUS
R2
R1
R3
R4
15 uA
ZTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com