Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 60 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 60 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 56Page - Microchip Technology UPD360 Datasheet HTML 57Page - Microchip Technology UPD360 Datasheet HTML 58Page - Microchip Technology UPD360 Datasheet HTML 59Page - Microchip Technology UPD360 Datasheet HTML 60Page - Microchip Technology UPD360 Datasheet HTML 61Page - Microchip Technology UPD360 Datasheet HTML 62Page - Microchip Technology UPD360 Datasheet HTML 63Page - Microchip Technology UPD360 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 221 page
background image
UPD360
DS00002084C-page 60
 2016-2017 Microchip Technology Inc.
8.5.29
PIO DEBOUNCE COUNT ONE MILLISECOND REGISTER (PIO_DEBOUNCE_1MS_COUNT)
8.5.30
PIO DEBOUNCE COUNT ONE MICROSECOND REGISTER
(PIO_DEBOUNCE_1US_COUNT)
Address:
006Dh
Size:
8 bits
Bits
Description
Type
Default
7:0
PIO_DEBOUNCE_1MS_COUNT
This register holds the 1 ms debounce counter.
Any transition within the debounce period is suppressed. Each count corre-
sponds to 1 ms, with the default value being 10 ms.
This register is used when the debounce granularity is 1 ms.
Note:
The actual count may be either count or count-1.
R/W
0Ah
Address:
006Eh
Size:
8 bits
Bits
Description
Type
Default
7:0
PIO_DEBOUNCE_1US_COUNT
This register holds the 1 us debounce counter.
Any transition within the debounce period is suppressed. Each count corre-
sponds to 1 us, with the default value being 10 us.
This register is used when the debounce granularity is 1 us.
Note:
The actual count may be either count or count-1.
R/W
0Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com