Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 17 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 13Page - Microchip Technology UPD360 Datasheet HTML 14Page - Microchip Technology UPD360 Datasheet HTML 15Page - Microchip Technology UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 17
UPD360
Configuration
Select 1
CFG_SEL1
AIO
This multi-level configuration signal is sampled after a sys-
tem reset to select the device’s default I2C slave address
based on the connected 1% precision resistor value
(UPD360-A/UPD360-B only).
Refer to Section 9.8.1, "Configuration Selection," on
page 81 for additional information.
Note:
This signal is not available in the UPD360-C.
General
Purpose I/O
0-15
GPIO0,
GPO1,
GPIO2,
GPIO3,
GPIO4,
GPIO5,
GPIO6,
GPIO7,
GPIO8,
GPIO9,
GPO10
IS/O8/
OD8
(PU)
The general purpose I/O signals are fully programmable as
either a push-pull output, an open-drain output, or a
Schmitt-triggered input (except GPO1 and GPO10). A pro-
grammable pull-up may optionally be enabled.
Note:
The GPO1 and GPO10 general purpose sig-
nals can only function as outputs and must
be kept in a low state coincident with de-
asserting RESET_N.
Note:
Tie these signals to ground when unused.
Note:
External pull-ups and pull-downs shall be placed
on GPIO pins to ensure that when in the reset
state the inputs to external devices are driven to
a valid state.
Note:
GPIO0 is not available in the UPD360-C.
Note:
In Standalone DFP/UFP modes (UPD360-A/
UPD360-B only), GPIOs 9-15 have alternate
dedicated functions, as defined in Section
3.1.1.1,
"UPD360-A/UPD360-B
GPIO[9:15]
Functions in Standalone DFP/UFP Modes," on
page 11.
Refer to Section 8.2, "General Purpose I/O," on page 37 for
additional information.
System Reset
RESET_N
IS
Active low system reset.
Note:
If this signal is unused, it must be pulled up to
VDD33IO.
Refer to Section 7.7, "Reset Operation," on page 34 for
additional information.
Power Down
PWR_DN
AI
When asserted, this signal places the device into the
SLEEP state.
Note:
Tie this signal to ground when unused.
Refer to Section 7.2.1, "SLEEP," on page 31 for additional
information.
Over-Current
Sense
Comparator 1
OCS_COMP1
AI
This pin is used by the integrated OCS comparator to
detect for error conditions.
Note:
Tie this signal to ground when unused.
Refer to Section 8.3, "External Over-current Detection," on
page 39 for additional information.
TABLE 3-4:
BALL DESCRIPTIONS (CONTINUED)
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com