Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 20 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 16Page - Microchip Technology UPD360 Datasheet HTML 17Page - Microchip Technology UPD360 Datasheet HTML 18Page - Microchip Technology UPD360 Datasheet HTML 19Page - Microchip Technology UPD360 Datasheet HTML 20Page - Microchip Technology UPD360 Datasheet HTML 21Page - Microchip Technology UPD360 Datasheet HTML 22Page - Microchip Technology UPD360 Datasheet HTML 23Page - Microchip Technology UPD360 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 221 page
background image
UPD360
DS00002084C-page 20
 2016-2017 Microchip Technology Inc.
5.0
I2C SLAVE CONTROLLER (UPD360-A/UPD360-B ONLY)
This chapter details the integrated I2C slave controller (I2C_DAT and I2C_CLK) available in the UPD360-A (+1.8V sig-
naling) and UPD360-B (+3.3V signaling). The I2C slave controller can be used for Host CPU serial management and
data transfer, and allows host access to all device Configuration and Status Registers (Section 4.0, "Register Map," on
page 19).
5.1
I2C Overview
I2C is a bi-directional 2-wire data protocol. A device that is currently sending data is defined as the “transmitter” and a
device that is currently receiving data is defined as the “receiver”. The bus is controlled by a master which generates
the SCL clock, controls bus access, and generates the start and stop conditions. The master and slave will operate as
transmitter or receiver, bit-by-bit, as determined by the master. Since the device I2C controller is a slave only, the terms
“host” and “master” are synonymous, both referring to the external side of the interface.
Both the clock (SCL) and data (SDA) signals have analog input filters that reject pulses that are less than 50 ns. The
data pin is driven low when either interface sends a low, emulating the wired-AND function of the I2C bus. Since the
slave interface never drives the clock pin, the wired-AND is not necessary.
The following bus states exist:
• Idle: Both I2C_DAT and I2C_CLK are high when the bus is idle.
• Start & Stop Conditions: A start condition (S) is defined as a high to low transition on the SDA line while SCL is
high. A stop condition (P) is defined as a low to high transition on the SDA line while SCL is high. The bus is con-
sidered to be busy following a start condition and is considered free 4.7 µs / 1.3 µs / 0.5µs (for 100 kHz / 400 kHz
/ 1MHz operation, respectively) following a stop condition. The bus stays busy following a repeated start condition
(Sr) in the absence of a stop condition. Stop/start sequences and repeated starts are otherwise functionally equiv-
alent.
• Data Valid: Data is valid, following the start condition, when SDA is stable while SCL is high. Data can only be
changed while the clock is low. There is one valid bit per clock pulse. Every byte must be 8 bits long and is trans-
mitted MSB first.
• Acknowledge: Each byte of data is followed by an acknowledge bit. The master generates a ninth clock pulse for
this bit, and the transmitter releases SDA (high). To provide a positive “acknowledge” (ACK), the receiver drives
SDA low so that it remains valid during the high period of the clock, taking into account the setup and hold times.
To provide a negative “no-acknowledge” (NACK or ACK), the receiver will allow the line to remain high during this
bit time. The receiver may be the master or the slave depending on the direction of the data. Typically the receiver
acknowledges each byte. If the master is the receiver, it does not generate an acknowledge on the last byte of a
transfer. This informs the slave to not drive the next byte of data, freeing SDA so that the master may generate a
stop or repeated start condition.
Figure 5-1 displays the various bus states of a typical I2C cycle.
FIGURE 5-1:
I2C CYCLES
I2C_DAT
I2C_CLK
S
Start Condition
P
Stop Condition
Data Valid
or Ack
Data Valid
or Ack
data
stable
data
can
change
data
stable
data
can
change
Sr
Re-Start
Condition
data
can
change
data
can
change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com