Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 81 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 81 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 77Page - Microchip Technology UPD360 Datasheet HTML 78Page - Microchip Technology UPD360 Datasheet HTML 79Page - Microchip Technology UPD360 Datasheet HTML 80Page - Microchip Technology UPD360 Datasheet HTML 81Page - Microchip Technology UPD360 Datasheet HTML 82Page - Microchip Technology UPD360 Datasheet HTML 83Page - Microchip Technology UPD360 Datasheet HTML 84Page - Microchip Technology UPD360 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 81
UPD360
9.8.1
CONFIGURATION SELECTION
The CFG_SEL0 and CFG_SEL1(UPD360-A/UPD360-B only) pins share the comparator with VBUS as shown in
Figure 9-3. Each CFG_SELx pin is connected to a resistor divider, typically pulled up to VDDIO. After a system level
reset (POR, RESET_N, Software Reset), both CFG_SELx pins are automatically sampled to configure the device. The
CFG_SELx Match Registers (CFG_SELx_MATCH) are updated automatically and the device configures itself accord-
ingly if standalone mode is detected.
The various resistor settings for the CFG_SEL0 and CFG_SEL1 pins are detailed in Table 9-7 and Table 9-8, respec-
tively.
Note:
For additional information on device resets, refer to Section 7.7, "Reset Operation," on page 34.
TABLE 9-7:
CONFIGURATION SELECT 0 (CFG_SEL0) SETTINGS
Resistor
(+/-1%)
Description
CFG_SEL0_MATCH
Register
GND
Standalone DFP / USB58xx/USB59xx Companion DFP
Device operates in standalone DFP mode (UPD360-A/UPD360-B only) for
applications where an I2C connection to the host is not be present.
The PWR_CAPx pins are used to select the USB Type-C™ current provided.
0000h
0.475 K
Standalone UFP / USB58xx/USB59xx Companion UFP
Device operates in standalone UFP mode (UPD360-A/UPD360-B only) for
applications where an I2C connection to the host is not be present.
0001h
0.953 K
I2C/SPI Companion Mode A (TBD)
0003h
1.43 K
I2C/SPI Companion Mode B (TBD)
0007h
1.87 K
I2C/SPI Companion Mode C (TBD)
000Fh
2.37 K
I2C/SPI Companion Mode D (TBD)
001Fh
2.87 K
I2C/SPI Companion Mode E (TBD)
003Fh
3.32 K
I2C/SPI Companion Mode F (TBD)
007Fh
3.83 K
I2C/SPI Companion Mode G (TBD)
00FFh
4.22 K
I2C/SPI Companion Mode H (TBD)
01FFh
4.75 K
I2C/SPI Companion Mode I (TBD)
03FFh
5.23 K
I2C/SPI Companion Mode J (TBD)
07FFh
5.62 K
I2C/SPI Companion Mode K (TBD)
0FFFh
6.19 K
I2C/SPI Companion Mode L (TBD)
1FFFh
6.65 K
I2C/SPI Companion Mode M (TBD)
3FFFh
7.15 K
I2C/SPI Companion Mode N (TBD)
7FFFh
>7.15 K
I2C/SPI Companion Mode O (TBD)
FFFFh
Note:
Any CFG_SEL0 value other than GND or 10.5K will select the I2C/SPI Companion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com