Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 101 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 101 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 97Page - Microchip Technology UPD360 Datasheet HTML 98Page - Microchip Technology UPD360 Datasheet HTML 99Page - Microchip Technology UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 101
UPD360
9:8
OCS_MIN
Defines the minimum guaranteed assertion time for OCS_N when operating in
standalone DFP mode (UPD360-A/UPD360-B only).
00b: 5 ms
01b: 10 ms
10b: 20 ms
11b: 30 ms
R/W
00b
7
VBUS_DB_ACTIVE
When this bit reads back 0b, the debouncer is disabled. The VBUS debouncer
is enabled when it reads back 1b.
Note:
Firmware polls this bit to determine when debouncer is disabled
and a new configuration may be programmed.
RO
0b
6
VCONN OCS Enable
Enables the monitoring of over current condition on the internal VCONN FETs.
0b: VCONN OCS monitor is disabled
1b: VCONN OCS monitor is enabled
R/W
Note 9-11
5:4
VCONN Discharge Control
This field determines the VCONN discharge behavior. It only has meaning in
DFP standalone mode and should not be used by firmware when operating
in companion mode.
The discharge occurs on the CC pin that was supplying VCONN.
00b: Discharge VCONN until either the threshold defined by the VCONN
Discharge Threshold Register (VCONN_DIS_THR) is reached or the time
specified by the VCONN Discharge Time Register (VCONN_DIS_TIME) has
expired.
01b: VCONN discharge is not supported.
10b: Discharge VCONN until threshold defined by VCONN Discharge
Threshold Register (VCONN_DIS_THR) is reached.
11b: Discharge VCONN for the time specified by VCONN Discharge Time
Register (VCONN_DIS_TIME).
Note:
For options 0xb a VCONN discharge error is detected if the timer
expires and VCONN has not discharged below VCONN Discharge
Time Register (VCONN_DIS_TIME).
R/W
00b
3
VCONN2 Control
Enables the VCONN2 FET.
0b: VCONN2 FET is disabled
1b: VCONN2 FET is enabled
This bit has no meaning when in standalone mode (see Standalone Opera-
tion).
This bit automatically clears when a debounce VCONN OCS event occurs per
the assertion of VCONN Discharge Error (VCONN_DISCH_ERR).
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com