Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 104 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 104 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 100Page - Microchip Technology UPD360 Datasheet HTML 101Page - Microchip Technology UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 221 page
background image
UPD360
DS00002084C-page 104
 2016-2017 Microchip Technology Inc.
9.12.28
VBUS VSAFE0V THRESHOLD REGISTER (VSAFE0V_THR)
Note 9-14
The defaults are defined in Table 9-14.
APPLICATION NOTE: This register may be dynamically written to by software while the VBUS comparator is
enabled, provided the rules for updating defined in the register description are followed.
9.12.29
CFG_SELX MATCH REGISTERS (CFG_SELX_MATCH)
Address:
084Eh
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15:10
RESERVED
RO
-
9:0
VSAFE0V Threshold (VSAFE0V_THR)
VSAFE0V Threshold register.
The lower byte of the threshold must be written before the upper byte. The
entire 10-bit threshold is updated when the second write occurs.
Note:
The units of this register are ~2.44 mV from a 2.5V FS.
R/W
Note 9-14
TABLE 9-14:
VSAFE0V_THR DEFAULTS
VSAFE0V_THR
VBUS Threshold
1R/9R Divider
VALUE
VSAFE0V_THR
0.8
0.08
32
Address:
x=0: 0850h
x=1: 0852h
Size:
16 bits
Bits
Description
Type
Default
15:0
Configuration Select X Match (CFG_SELX_MATCH)
Indicates which configuration select thresholds are matched on the
CFG_SELx pin. A match is determined when the measured voltage exceeds
the programmed threshold. See Section 9.8.1, "Configuration Selection," on
page 81.
RO
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com