Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 106 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 106 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 102Page - Microchip Technology UPD360 Datasheet HTML 103Page - Microchip Technology UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology UPD360 Datasheet HTML 109Page - Microchip Technology UPD360 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 221 page
background image
UPD360
DS00002084C-page 106
 2016-2017 Microchip Technology Inc.
9.12.31
CFG_SEL DEBUG REGISTER (CFG_SEL_DBG)
9.12.32
VCONN DISCHARGE THRESHOLD REGISTER (VCONN_DIS_THR)
Note 9-16
41 equates to 150mV after accounting for the R/2R divider.
9.12.33
VCONN DISCHARGE TIME REGISTER (VCONN_DIS_TIME)
Address:
0874h
Size:
8 bits
Bits
Description
Type
Default
7:4
CFG_SEL1_VAL
This register stores a snapshot of the highest threshold matched when the
device samples the CFG_SEL1 pin after a system level reset event (UPD360-
A/UPD360-B only).
RO
0h
3:0
CFG_SEL0_VAL
This register stores a snapshot of the highest threshold matched when the
device samples the CFG_SEL0 pin after a system level reset event.
RO
0h
Address:
0886h
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:0
VCONN Discharge Threshold (VCONN_DIS_THR)
This register defines the threshold used in standalone DFP mode for
discharging VCONN.
Note:
The units of this register are ~2.44 mV from a 2.5V/1024.
R/W
41h
Note 9-16
Address:
0888h
Size:
16 bits
Bits
Description
Type
Default
7:0
VCONN Discharge Time (VCONN_DIS_TIME)
Defines the amount of time the CC pin supplying VCONN is discharged.
Note:
The units of this register are 10 ms.
R/W
04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com