Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 108 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 108 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 104Page - Microchip Technology UPD360 Datasheet HTML 105Page - Microchip Technology UPD360 Datasheet HTML 106Page - Microchip Technology UPD360 Datasheet HTML 107Page - Microchip Technology UPD360 Datasheet HTML 108Page - Microchip Technology UPD360 Datasheet HTML 109Page - Microchip Technology UPD360 Datasheet HTML 110Page - Microchip Technology UPD360 Datasheet HTML 111Page - Microchip Technology UPD360 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 221 page
background image
UPD360
DS00002084C-page 108
 2016-2017 Microchip Technology Inc.
10.3
Baseband CC Interface Registers
This section details the baseband CC interface registers. For an overview of the entire device register map, refer to Sec-
tion 4.0, "Register Map," on page 19.
TABLE 10-1:
BASEBAND CC INTERFACE REGISTER MAP
Address
Register Name (Symbol)
2800h
CC RX DAC Control Register (CC_RX_DAC_CTL)
2802h
CC RX DAC Filter Register (CC_RX_DAC_FILT)
2803h
Reserved for future expansion
2804h
CC TX DAC Filter Register (CC_TX_DAC_FILT)
2805h – 280Fh
Reserved for future expansion
2810h
BB TX Risex Registers (BB_RX_RISEx) x=0
2812h
BB TX Risex Registers (BB_RX_RISEx) x=1
2814h
BB TX Risex Registers (BB_RX_RISEx) x=2
2816h
BB TX Risex Registers (BB_RX_RISEx) x=3
2818h
BB TX Risex Registers (BB_RX_RISEx) x=4
281Ah
BB TX Risex Registers (BB_RX_RISEx) x=5
281Ch
BB TX Risex Registers (BB_RX_RISEx) x=6
281Eh
BB TX Risex Registers (BB_RX_RISEx) x=7
2820h
BB TX Risex Registers (BB_RX_RISEx) x=8
2822h
BB TX Risex Registers (BB_RX_RISEx) x=9
2824h
BB TX Risex Registers (BB_RX_RISEx) x=10
2826h
BB TX Risex Registers (BB_RX_RISEx) x=11
2828h – 282Fh
Reserved for future expansion
2830h
BB TX Fallx Registers (BB_TX_FALLx) x=0
2832h
BB TX Fallx Registers (BB_TX_FALLx) x=1
2834h
BB TX Fallx Registers (BB_TX_FALLx) x=2
2836h
BB TX Fallx Registers (BB_TX_FALLx) x=3
2838h
BB TX Fallx Registers (BB_TX_FALLx) x=4
283Ah
BB TX Fallx Registers (BB_TX_FALLx) x=5
283Ch
BB TX Fallx Registers (BB_TX_FALLx) x=6
283Eh
BB TX Fallx Registers (BB_TX_FALLx) x=7
2840h
BB TX Fallx Registers (BB_TX_FALLx) x=8
2842h
BB TX Fallx Registers (BB_TX_FALLx) x=9
2844h
BB TX Fallx Registers (BB_TX_FALLx) x=10
2846h
BB TX Fallx Registers (BB_TX_FALLx) x=11
2848h – 2BFFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com