Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 128 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 128 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 124Page - Microchip Technology UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 221 page
background image
UPD360
DS00002084C-page 128
 2016-2017 Microchip Technology Inc.
1A57h
RX FIFO Write Head Pointer Plus One Control Bits Register
(RX_FIFO_WR_HEAD_PTR_PLUS_ONE_CTL_BITS)
1A58h – 1A7Fh
Reserved for future expansion
1A80h
MAC Interrupt Status Register (MAC_IRQ_STAT)
1A81h
TX Interrupt Status Register (TX_IRQ_STAT)
1A82h
RX Interrupt Status Register (RX_IRQ_STAT)
1A83h
RX Error Interrupt Status Register (RX_ERR_IRQ_STAT)
1A84h
Power Management Interrupt Status Register (PM_IRQ_STAT)
1A85h
RX SOP Interrupt Status Register (RX_SOP_IRQ_STAT)
1A86h
TX Interrupt Enable Register (TX_IRQ_EN)
1A87h
RX Interrupt Enable Register (RX_IRQ_EN)
1A88h
RX Error Interrupt Enable Register (RX_ERR_IRQ_EN)
1A89h
Power Management Interrupt Enable and Control Register (PM_IRQ_EN)
1A8Ah
RX SOP Interrupt Enable Register (RX_SOP_IRQ_EN)
1A8Bh
Reset Control Register (RESET_CTL)
1A8Ch – 1A9Fh
Reserved for future expansion
1AA0h
BMC RX High Level Full Bit Maximum Time Register (BMC_RX_HI_FB_MAX_TIME)
1AA1h
BMC RX High Level Full Bit Minimum Time Register (BMC_RX_HI_FB_MIN_TIME)
1AA2h
BMC RX Low Level Full Bit Maximum Time Register (BMC_RX_LO_FB_MAX_TIME)
1AA3h
BMC RX Low Level Full Bit Minimum Time Register (BMC_RX_LO_FB_MIN_TIME)
1AA4h
BMC RX High Level Half Bit Maximum Time Register (BMC_RX_HI_HB_MAX_TIME)
1AA5h
BMC RX High Level Half Bit Minimum Time Register (BMC_RX_HI_HB_MIN_TIME)
1AA6h
BMC RX Low Level Half Bit Maximum Time Register (BMC_RX_LO_HB_MAX_TIME)
1AA7h
BMC RX Low Level Half Bit Minimum Time Register (BMC_RX_LO_HB_MIN_TIME)
1AA8h
BMC RX Squelch Assert Time Register (BMC_RX_SQL_ASSERT_TIME)
1AA9h
BMC RX Squelch Hold Time Register (BMC_RX_SQL_HOLD_TIME)
1AAAh – 1AAFh
Reserved for future expansion
1AB0h
BMC TX Bit-Time Count Register (BMC_TX_BITTIME_CNT)
1AB1h
BMC Transition Window Time Register (BMC_TRANSITION_WINDOW_TIME)
1AB2h – 1ABFh
Reserved for future expansion
1AC0h
BIST Control Register A (BIST_CTL_A)
1AC1h
BIST Control Register B (BIST_CTL_B)
1AC2h
BIST Error Count High Register (BIST_ERR_CNT_HI)
1AC3h
BIST Error Count Low Register (BIST_ERR_CNT_LO)
1AC4h – 1AC6h
Reserved for future expansion
1AC7h
BIST RX Status Register (BIST_RX_STAT)
1AC8h – 1BFFh
Reserved for future expansion
Note:
RESERVED address space must not be written under any circumstances. Failure to heed this warn-
ing may result in untoward operation and unexpected results.
TABLE 11-5:
POWER DELIVERY MAC REGISTER MAP (CONTINUED)
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com