Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 130 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 130 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 221 page
background image
UPD360
DS00002084C-page 130
 2016-2017 Microchip Technology Inc.
3
WAIT4LINE_IDLE
Normally hardware will abort a TX packet (including all retry attempt) if the line
is Busy when hardware attempts to transmit the packet. (Note that transmis-
sion of GoodCRC ACK in response for Soft Reset is an exception to this, see
the DIS_SPCL_SR_GCRC_ACK bit.)
Setting this bit will force hardware to not abort the transmission, but rather
wait until line becomes idle and then transmit the message. The
RETRY_ON_LINE_BUSY option has lower priority then this function.
The following conditions will still abort the TX packet:
• Hard reset received
• Cable reset received (if enabled and the SOP type of the pending TX is
SOP', or SOP'', SOP'_Debug or SOP''_Debug)
• Good, non-duplicate packet, non-Ping, non-GoodCRC (including soft-
reset) received with RX and TX SOP types matching or RX SOP type
equaling SOP with TX SOP type not equaling SOP (can be disabled)
• Software sets the ABORT bit in the TX Control Register B (TX_CTL_B).
R/W
0b
2
EN_AUTO_RSP_MODE
Enable automatic sending of GoodCRC message and BIST Error Count mes-
sage by hardware.
0: Auto GoodCRC Message disabled (default)
1: Auto GoodCRC Message enabled
Note:
Disabling Auto Response Mode will also disable automatic retry by
hardware, i.e., hardware will ignore the N_RETRY_CNT field of the
TX Parameters Register C (TX_PARAM_C).
R/W
0b
1
EN_FMQ
Enable FIFO Mode queuing on the TX Queue's write interface.
0: Buffer Mode - TX Queue is accessed like a buffer/CSR (Default)
1: FIFO Mode
R/W
0b
0
EN_RMDP
Enable Raw Mode Data Processing.
0: Automatic Mode Data Processing (default)
1: Enable Raw Mode Data Processing
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com