Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 133 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 133 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 133
UPD360
11.4.1.4
TX Packet Length Register (TX_PKT_LEN)
11.4.1.5
TX Parameters Register A (TX_PARAM_A)
Address:
1A03h
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5:0
PKT_LEN
Queued packet length in bytes.
Hardware uses this value in Auto Mode to determine when to insert the CRC.
PKT_LEN = bytes in header + bytes in data objects
Note:
This applies to Auto Mode queue only and not to Raw Mode queue.
Raw Mode queue has special code to insert CRC and terminate
the transmission.
Note:
A value of '0' is invalid for this field.
R/W
000000b
Address:
1A04h
Size:
8 bits
Bits
Description
Type
Default
7
EXPECT_GOODCRC
This bit is used when the N_RETRY_CNT field in the TX Parameters Register
C (TX_PARAM_C) is set to zero but hardware is expected to wait for Good-
CRC in response to a TX message.
If N_RETRY_CNT is non-zero and EN_AUTO_RSP_MODE in the TX Control
Register A (TX_CTL_A) is set, then hardware automatically waits for Good-
CRC and this bit has no effect.
R/W
0b
6:4
TX_SOP_SELECT
This field selects the SOP used for normal TX packets, for Returned BIST
Counters packets (in response to RX BIST Test Frames) and for TX BIST Test
Frames.
This value is also used to verify the expected SOP type in the GoodCRC
response when Auto retry is enabled.
000: SOP
001: SOP'
010: SOP''
011: SOP'_Debug
100: SOP''_Debug
101 - 111: Reserved
Note:
For Auto retry mode, it is assumed that the expected SOP type is
also enabled in the RX Control Register B (RX_CTL_B).
R/W
000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com