Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 135 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 135 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology UPD360 Datasheet HTML 138Page - Microchip Technology UPD360 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 135
UPD360
11.4.1.6
TX Control Register B (TX_CTL_B)
Address:
1A05h
Size:
8 bits
Bits
Description
Type
Default
7:6
RESERVED
RO
-
5
TX_CABLE_RESET
Setting this bit to 1 together with the GO bit will cause hardware configured for
Auto Mode data processing to transmit a Cable Reset. Any data in the TX
Queue and related registers is ignored.
This bit is not applicable to Raw Mode data processing since Cable Reset
packets can be explicitly specified in the TX Queue. It is ignored for Raw
Mode.
This bit can only be set if the GO bit is not currently set.
The TX_HARD_RESET bit has precedence and if set along with this bit, this
bit will not set.
This bit is cleared by hardware at end of packet transmission. This bit is reset
by assertion of PD_RESET. Software can only write 1 to this bit and therefore
can not clear it once set.
Note:
Cable Reset is not automatically retried (there is no feedback to
indicate a failure). It is up to software to perform Cable Reset
retries.
Note:
This bit will be cleared upon completion of any packet transmis-
sion, so it should be set only after GO bit is cleared after completion
of the prior transmission.
W1S/SC
0b
4
OK_TO_TX
Channel is idle and it is OK to transmit. Software should monitor this bit before
setting the GO bit.
0: Software should not set the GO bit
1: Software can set the GO bit.
The following conditions will cause hardware to set this bit to 0:
• BMC line idle timer indicating line is busy.
• Hardware may be processing an automatic response to a received
packet.
RO
1b
3
RST_TXQ_FIFO_WRI_PTR
Setting this bit will reset the TX Queue's write interface FIFO pointer. When
using FIFO Mode Queuing, software must always write a '1' to this bit prior to
putting data in the FIFO.
Hardware does not latch this bit and it will read back as zero. Hardware may
automatically reset the pointer when the GO bit is cleared (i.e., hardware is
done with current transmission).
WO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com