Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 134 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 134 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology UPD360 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 221 page
background image
UPD360
DS00002084C-page 134
 2016-2017 Microchip Technology Inc.
3
EN_FWTX
Enable software issued transmission.
This bit is effective only at the moment the GO bit is set by software and is
intended to cover race conditions where it is not possible for software to back
off from setting the GO bit in response to a valid RX.
This bit is automatically held cleared by hardware if the RX Interrupt Status
Register (RX_IRQ_STAT) indicates reception of a Hard Reset, or a Cable
Reset, or if there is any data in the RX FIFO and, thus, software must set it
prior to each transmission it wants to issue.
When this bit is cleared, a software issued transmission will be aborted.
Note:
This is not an Abort bit. Clearing this bit will have no effect on a
transmission that has already been issued to hardware. Such
transmissions will be aborted automatically by hardware as appro-
priate. To abort a transmission in progress, use the ABORT bit in
the TX Control Register B (TX_CTL_B).
Note:
Setting of this bit does not prevent hardware issued transmissions.
Note:
This bit is reset by assertion of PD_RESET.
R/W
0b
2:0
MSG_ID
Message ID. This value is used to verify the expected message ID in the
GoodCRC response.
Note:
Hardware will not insert this value into the TX message header. For
proper normal operation, software must program the same value in
bits[11:9] of message header.
Note:
Software must set this to zero when it processes a Hard Reset,
Cable Reset or Soft Reset.
R/W
000b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com