Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 132 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 132 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 221 page
background image
UPD360
DS00002084C-page 132
 2016-2017 Microchip Technology Inc.
11.4.1.3
TX Parameters Register C (TX_PARAM_C)
Address:
1A02h
Size:
8 bits
Bits
Description
Type
Default
7
PORT_DATA_ROLE
This field is used as the Port Data Role field for hardware generated packet
header for packets that use SOP signaling.
0: UFP
1: DFP
Note:
SOP' and SOP'' always send a 0 bit for the Port Data Role.
R/W
0b
6:4
N_RETRY_CNT
Number of retries allowed.
Set this to zero to disable automatic hardware retry (i.e., when software will
take care of retries).
If N_RETRY_CNT is set to zero, but hardware is expected to wait for Good-
CRC, the EXPECT_GOODCRC bit should be set in the TX Parameters Reg-
ister A (TX_PARAM_A), otherwise TX will be considered complete as soon as
packet transmission is complete.
Note:
Hard and Cable Resets are not automatically retried since there is
no feedback to indicate a failure.
R/W
000b
3
CABLE_PLUG
This field is used as the Cable Plug field for hardware generated packet
header for packets that use SOP' and SOP'' signaling.
0: DFP or UFP
1: Cable Plug
R/W
0b
2
PORT_POWER_ROLE
This field is used as the Port Power Role field for hardware generated packet
header for packets that use SOP signaling.
0: Sink
1: Source
R/W
0b
1:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com