Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 129 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 129 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 129
UPD360
11.4.1
PD MAC TX REGISTERS
The following sub-sections describe the various registers associated with the PD MAC TX logic.
11.4.1.1
TX Control Register A (TX_CTL_A)
Address:
1A00h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6
RETRY_ON_LINE_BUSY
Normally hardware will abort a TX packet (including all retry attempts) if the
line is Busy when hardware attempts to transmit the packet. (Note that trans-
mission of GoodCRC ACK in response for Soft Reset is an exception to this,
see the DIS_SPCL_SR_GCRC_ACK bit.)
Setting this bit will force hardware to not completely abort the transmission,
but rather it will retry the packet up to N_RETRY_CNT times. Failure after
N_RETRY_CNT times results in TX_FAILED status in the TX Interrupt Status
Register (TX_IRQ_STAT) rather than a TX_ABORTED status.
The following conditions will still abort the TX packet:
• Hard reset received
• Cable reset received (if enabled and the SOP type of the pending TX is
SOP', or SOP'', SOP'_Debug or SOP''_Debug)
• Good, non-duplicate, non-Ping, non-GoodCRC packet (including soft-
reset) received with RX and TX SOP types matching or RX SOP type
equaling SOP with TX SOP type not equaling SOP (can be disabled)
• Software sets the ABORT bit in the TX Control Register B (TX_CTL_B).
R/W
0b
5
DIS_SOP_ABRTS_NON_SOP
Normally, when a SOP packet is received, a pending non-SOP packet (includ-
ing wait for a GoodCRC) will be aborted. When this bit is set, a non-SOP
packet will only be aborted by a packet with the same non-SOP type.
R/W
0b
4
DIS_SPCL_SR_GCRC_ACK
Disable special treatment of GoodCRC ACK in response to Soft Reset.
By default, in auto-response mode a line busy condition will not abort Good-
CRC ACK transmission in response to Soft Reset reception. Setting this bit
will disable this behavior and instead GoodCRC ACK transmission for Soft
Reset will be processed the same as GoodCRC ACK for other packets.
Note:
When this bit is set, the WAIT4LINE_IDLE bit will affect GoodCRC
ACK for Soft Reset as well.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com