Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 127 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 127 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 123Page - Microchip Technology UPD360 Datasheet HTML 124Page - Microchip Technology UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 127
UPD360
11.4
Power Delivery MAC Registers
This section details the Power Delivery MAC registers. For an overview of the entire device register map, refer to Section
4.0, "Register Map," on page 19.
TABLE 11-5:
POWER DELIVERY MAC REGISTER MAP
Address
Register Name (Symbol)
1800h – 1849h
PD MAC TX Queue/FIFO (74 bytes) (See Section 11.1.1, "TX Queue" for additional info)
184Ah – 18FFh
Reserved for future expansion
1900h – 197Fh
PD MAC RX FIFO (128 bytes) (See Section 11.2.1, "RX Queue" for additional info)
1980h – 19FFh
Reserved for future expansion
1A00h
TX Control Register A (TX_CTL_A)
1A01h
TX Status Register (TX_STAT)
1A02h
TX Parameters Register C (TX_PARAM_C)
1A03h
TX Packet Length Register (TX_PKT_LEN)
1A04h
TX Parameters Register A (TX_PARAM_A)
1A05h
TX Control Register B (TX_CTL_B)
1A06h
TX Parameters Register B (TX_PARAM_B)
1A07h
TX Bit-Time Count Register (TX_BITTIME_CNT)
1A08h
TX Turnaround Time Register (TX_TA_TIME)
1A09h
TX Abort Status Register (TX_ABORT_STAT)
1A0Ah
TX Auto-Response Abort Status Register (TX_AR_ABORT_STAT)
1A0Bh
TX Power Up Time Register (TX_POWER_UP_TIME)
1A0Ch
TX Power Down Time Register (TX_POWER_DOWN_TIME)
1A0Dh – 1A3Fh
Reserved for future expansion
1A40h
RX Control Register A (RX_CTL_A)
1A41h
RX Control Register B (RX_CTL_B)
1A42h
RX Maximum Bit-Rate Bit Period Count Register (RX_BIT_PER_CNT_MAX_BR)
1A43h
RX Minimum Bit-Rate Bit Period Count Register (RX_BIT_PER_CNT_MIN_BR)
1A44h
RX Status Register (RX_STAT)
1A45h
RX Packet Status Register (RX_PKT_STAT)
1A46h
RX tReceive Time Register (RX_TRECEIVE_TIME)
1A47h
RX BadCRC Packet Count Register (RX_BADCRC_PKT_CNT)
1A48h
RX Duplicate Packet Count Register (RX_DUP_PKT_CNT)
1A49h
RX Hard Reset Detection Window Register (RX_HR_DET_WINDOW)
1A4Ah
RX Last GoodCRC Packet High Byte Register (RX_LAST_GCRC_PKT_HI)
1A4Bh
RX Last GoodCRC Packet Low Byte Register (RX_LAST_GCRC_PKT_LO)
1A4Ch
RX Message ID Stored Register (RX_MSG_ID_STORED)
1A4Dh
RX Maximum Packet Size Register (RX_MAX_SIZE)
1A4Eh – 1A4Fh
Reserved for future expansion
1A50h
RX FIFO Read Pointer Register (RX_FIFO_RD_PTR)
1A51h
RX FIFO Read Pointer Control Bits Register (RX_FIFO_RD_PTR_CTL_BITS)
1A52h
RX FIFO Write Current Pointer Register (RX_FIFO_WR_CURRENT_PTR)
1A53h
RX FIFO Write Current Pointer Control Bits Register
(RX_FIFO_WR_CURRENT_PTR_CTL_BITS)
1A54h
RX FIFO Write Head Pointer Register (RX_FIFO_WR_HEAD_PTR)
1A55h
RX FIFO Write Head Pointer Control Bits Register (RX_FIFO_WR_HEAD_PTR_CTL_BITS)
1A56h
RX FIFO Write Head Pointer Plus One Register (RX_FIFO_WR_HEAD_PTR_PLUS_ONE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com