Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 126 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 126 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 122Page - Microchip Technology UPD360 Datasheet HTML 123Page - Microchip Technology UPD360 Datasheet HTML 124Page - Microchip Technology UPD360 Datasheet HTML 125Page - Microchip Technology UPD360 Datasheet HTML 126Page - Microchip Technology UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 221 page
background image
UPD360
DS00002084C-page 126
 2016-2017 Microchip Technology Inc.
11.3
PD MAC BIST
The PD MAC incorporates BIST functions as defined in the USB PD Specification. It is comprised of a TX and RX block.
The BIST TX block contains a PRBS (Pseudo Random Binary Sequence) generator, BIST pattern generation logic, and
its own bit-timing logic. The SOP type used by TX BIST Test Frames is a 20-bit static vector which is created by multi-
plexing between the five SOP ordered sets based on a register setting. The resultant 20-bit vector is simply bit selected
when the packet is transmitted.
BIST TX is entered when the BIST_EN bit in the BIST Control Register A (BIST_CTL_A) is set along with BIST_RX_EN
being clear. The BIST TX mode (TX type) is set using the BIST_TX_MODE field of the BIST Control Register A
(BIST_CTL_A) and is started by first using the BIST_TX_RST bit and then by using the BIST_TX_START/BIST_TX-
_STATUS bit of the BIST Control Register B (BIST_CTL_B). Continuous BIST transmission (modes 0, 1, 2, 3, and 5)
should be stopped by first using the BIST_TX_RST bit before clearing the BIST_EN bit. It may take up to 1 bit time for
the TX to stop. BIST_EN should not be cleared until after this time.
The BIST RX block contains a PRBS generator and bit error detection logic. BIST RX is used only during the BIST
Receiver Test. BIST RX is entered when the BIST_EN bit in the BIST Control Register A (BIST_CTL_A) is set along
with BIST_RX_EN. The BIST error counter is reset using the BIST_CLR_ERR_CNT bit of the BIST Control Register B
(BIST_CTL_B).
For information on the BIST registers, refer to Section 11.4.5, "PD MAC BIST Registers," on page 168.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com