Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 131 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 131 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 127Page - Microchip Technology UPD360 Datasheet HTML 128Page - Microchip Technology UPD360 Datasheet HTML 129Page - Microchip Technology UPD360 Datasheet HTML 130Page - Microchip Technology UPD360 Datasheet HTML 131Page - Microchip Technology UPD360 Datasheet HTML 132Page - Microchip Technology UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 131
UPD360
11.4.1.2
TX Status Register (TX_STAT)
Address:
1A01h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:4
N_HW_RETRIES
Number of attempts by hardware to send a message successfully.
This field is automatically cleared when the GO bit in the TX Control Register
B (TX_CTL_B) is set.
This field is meaningful only if a TX was successful. It is informational only.
0: Initial message was successful. This value must be correlated with the
TX_ABORTED bit. If a TX message was aborted, this bit is meaningless.
>0: Number of retries performed by the device. The maximum value depends
on the N_RETRY_CNT field in the TX Parameters Register C
(TX_PARAM_C) register.
RO
000b
3:1
RESERVED
RO
-
0
TX_ACTIVE
Transmitter is active.
0: Transmitter is idle
1: Transmitter is active
Software can monitor this bit to determine if transmission is in progress. De-
assertion of this bit does not imply successful message transmission, only that
the transmitter is no longer active and has stopped transmitting.
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com