Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 137 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 137 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 133Page - Microchip Technology UPD360 Datasheet HTML 134Page - Microchip Technology UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology UPD360 Datasheet HTML 138Page - Microchip Technology UPD360 Datasheet HTML 139Page - Microchip Technology UPD360 Datasheet HTML 140Page - Microchip Technology UPD360 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 137
UPD360
11.4.1.7
TX Parameters Register B (TX_PARAM_B)
11.4.1.8
TX Bit-Time Count Register (TX_BITTIME_CNT)
Address:
1A06h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:0
PREAMBLE_LEN
Number of preamble bits to send.
Range: 1-127, specification: 64d (default)
A value of 0 is invalid and hardware does not check for validity. Software
should use the default value for normal operation.
Setting this field to an odd value will cause violation of the USB PD Specifica-
tion which states “The preamble shall start with a “0” and shall end with a “1”.”
An odd value will cause preamble to start with a value of “0” but it will also end
in a value of “0.” This may or may not lead to functional issues. This field
should be set to an even value to remain spec compliant.
R/W
1000000b
Address:
1A07h
Size:
8 bits
Bits
Description
Type
Default
7:0
BIT_TIME_CNT
Bit-time counter value. The TX logic uses this value to determine the bit-time
for transmission (nominal bit rate is 300Kbps). This register can be used to
adjust bit-time for testing purpose (adjusting bitrate).
Count value is based on clock frequency and is given by:
((Clock Freq KHz / Bit Rate Kbps) - 1)
i.e.,
Clock Frequency = 48000KHz (48MHz)
Nominal Bit Rate = 300 Kbps
BIT_TIME_CNT = (48000 / 300) - 1 = 159
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com