Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 139 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 139 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 135Page - Microchip Technology UPD360 Datasheet HTML 136Page - Microchip Technology UPD360 Datasheet HTML 137Page - Microchip Technology UPD360 Datasheet HTML 138Page - Microchip Technology UPD360 Datasheet HTML 139Page - Microchip Technology UPD360 Datasheet HTML 140Page - Microchip Technology UPD360 Datasheet HTML 141Page - Microchip Technology UPD360 Datasheet HTML 142Page - Microchip Technology UPD360 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 139
UPD360
11.4.1.11
TX Auto-Response Abort Status Register (TX_AR_ABORT_STAT)
This field is used in conjunction with the AUTO_RSP_ABORTED interrupt and provides details for why the TX was
aborted. Bits in this register are sticky, i.e., once any bit is set by hardware this field cannot be updated by hardware
until software clears the field.
11.4.1.12
TX Power Up Time Register (TX_POWER_UP_TIME)
Address:
1A0Ah
Size:
8 bits
Note:
Bits in this register are set by hardware and must be cleared by software. The bits are not mutually exclu-
sive, i.e., more than one bit may be set depending on the circumstance.
Bits
Description
Type
Default
7
RESERVED
RO
-
6
TX_AR_ABORT_STAT[6]
Auto-response aborted due to RX (including Hard or Cable Reset) while wait-
ing for bus turnaround or while waiting for line to go idle.
R/W1C
0b
5:4
RESERVED
RO
-
3
TX_AR_ABORT_STAT[3]
Line was busy after bus turnaround time during auto-response.
R/W1C
0b
2
RESERVED
RO
-
1
TX_AR_ABORT_STAT[1]
Software issued abort while auto-response was in process.
R/W1C
0b
0
RESERVED
RO
-
Address:
1A0Bh
Size:
8 bits
Bits
Description
Type
Default
7:0
TX_POWER_UP_TIME
TX Power Up Time before transmitting (unit is 8 clock cycles).
Range: 0-255 (Actual time is 5 clocks larger.)
The analog requires a minimum time of 5us to power up.
Count value is based on clock frequency and is given by:
TX_POWER_UP_TIME = power up time uS x Clock Freq MHz / 8
i.e.,
Clock Frequency = 48MHz
power up time = 5 uS
TX_POWER_UP_TIME = 5 x 48 / 8 = 30
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com