Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 143 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 143 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 139Page - Microchip Technology UPD360 Datasheet HTML 140Page - Microchip Technology UPD360 Datasheet HTML 141Page - Microchip Technology UPD360 Datasheet HTML 142Page - Microchip Technology UPD360 Datasheet HTML 143Page - Microchip Technology UPD360 Datasheet HTML 144Page - Microchip Technology UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 221 page
background image
 2016-2017 Microchip Technology Inc.
DS00002084C-page 143
UPD360
11.4.2.2
RX Control Register B (RX_CTL_B)
11.4.2.3
RX Maximum Bit-Rate Bit Period Count Register (RX_BIT_PER_CNT_MAX_BR)
The value of this register, together with value of the RX Minimum Bit-Rate Bit Period Count Register
(RX_BIT_PER_CNT_MIN_BR), is used to determine valid bit-time (also referenced as bit-period) of the RX signal.
RX_BIT_PER_CNT_MIN_BR > valid bit time > RX_BIT_PER_CNT_MAX_BR.
Address:
1A41h
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
-
6:2
RX_SOP_ENABLE
SOP Types enabled to be received. Includes RX BIST Test Frames.
Bit 2 - SOP
Bit 3 - SOP'
Bit 4 - SOP''
Bit 5 - SOP'_Debug
Bit 6 - SOP''_Debug
Software is allowed to change the field at any time. An internal copy is held
during active receive and updated from the register during idle time
R/W
00001b
1:0
RESERVED
RO
-
Address:
1A42h
Size:
8 bits
Bits
Description
Type
Default
7:0
RX_BIT_PER_CNT_MAX_BR
Bit period count at maximum bit-rate.
= (((clock_freq_KHz / max_bit_rate_Kbps) * (100 - tolerance) / 100) - 1)
WARNING: If macros are defined in C code, then math must be arranged so
that integer overflow does not occur.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com