Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD360 Datasheet(PDF) 144 Page - Microchip Technology

Part # UPD360
Description  Highly Integrated Small Form Factor USB Type-C??Power Delivery 2.0 Port Controller
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD360 Datasheet(HTML) 144 Page - Microchip Technology

Back Button UPD360 Datasheet HTML 140Page - Microchip Technology UPD360 Datasheet HTML 141Page - Microchip Technology UPD360 Datasheet HTML 142Page - Microchip Technology UPD360 Datasheet HTML 143Page - Microchip Technology UPD360 Datasheet HTML 144Page - Microchip Technology UPD360 Datasheet HTML 145Page - Microchip Technology UPD360 Datasheet HTML 146Page - Microchip Technology UPD360 Datasheet HTML 147Page - Microchip Technology UPD360 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 221 page
background image
UPD360
DS00002084C-page 144
 2016-2017 Microchip Technology Inc.
11.4.2.4
RX Minimum Bit-Rate Bit Period Count Register (RX_BIT_PER_CNT_MIN_BR)
The value of this register, together with value of the RX Maximum Bit-Rate Bit Period Count Register
(RX_BIT_PER_CNT_MAX_BR), is used to determine valid bit-time (also referenced as bit-period) of the RX signal.
RX_BIT_PER_CNT_MIN_BR > valid bit time > RX_BIT_PER_CNT_MAX_BR.
11.4.2.5
RX Status Register (RX_STAT)
Address:
1A43h
Size:
8 bits
Bits
Description
Type
Default
7:0
RX_BIT_PER_CNT_MIN_BR
Bit period count at minimum bit-rate.
= (((clock_freq_KHz / min_bit_rate_Kbps) * (100 + tolerance) / 100) - 1)
WARNING: If macros are defined in C code, then math must be arranged so
that integer overflow does not occur.
R/W
00h
Address:
1A44h
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
-
1
RX_IN_PROCESS
Receiver is active.
Hardware is receiving a packet, i.e., line is busy and transmitter is not active.
RO
0b
0
LINE_STATE
0: Line is idle
1: Line is busy (BMC line idle timer indicating line is busy)
If this bit is “1”, a receive might be in progress and software should wait for the
message reception to complete. If it is “0”, software may set the GO bit.
Hardware will take further action until the very last possible moment to avoid
bus contention. Bus contention is still possible and not 100% avoidable.
In cases where hardware takes preventative measures to avoid bus conten-
tion, the TX packet will be aborted. Software will be informed of this via an
interrupt and setting of the TX_ABORTED bit in the TX Interrupt Status Regis-
ter (TX_IRQ_STAT).
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com